Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 16 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 12Page - Texas Instruments DIX9211 Datasheet HTML 13Page - Texas Instruments DIX9211 Datasheet HTML 14Page - Texas Instruments DIX9211 Datasheet HTML 15Page - Texas Instruments DIX9211 Datasheet HTML 16Page - Texas Instruments DIX9211 Datasheet HTML 17Page - Texas Instruments DIX9211 Datasheet HTML 18Page - Texas Instruments DIX9211 Datasheet HTML 19Page - Texas Instruments DIX9211 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 110 page
background image
DIX9211
SBAS519 – SEPTEMBER 2010
www.ti.com
Digital Audio Interface Receiver (RXIN0 to RXIN11)
Input Details for Pins RXIN0 Through RXIN11
Up to 12 single-ended S/PDIF input pins are available. Two of the S/PDIF input pins integrate coaxial amplifiers.
The other 10 pins are designed to be directly connected to CMOS sources or standard S/PDIF optical modules.
Each of the inputs can tolerate 5-V inputs.
The DIR module in the DIX9211 complies with these Digital Audio I/F standards:
•
S/PDIF
•
IEC60958 (formerly IEC958)
•
JEITA CPR-1205 (formerly EIAJ CP-1201/340)
•
AES3
•
EBU Tech 3250 (also known as AES/EBU)
In addition, the DIR module within the DIX9211 also meets and exceeds jitter tolerance limits as specified by
IEC60958-3 for sampling frequencies between 28 kHz and 216 kHz.
Each of the physical connections used for these standards (optical, differential, and single-ended) have different
signal levels. Care should be taken to ensure that each of the RXIN pins is not overdriven or underdriven, such
as driving a coaxial 0.2-VPP signal into a CMOS 3.3-V input.
RXIN0 and RXIN1 integrate coaxial input amplifiers. This architecture means that they can be directly connected
to either coaxial input (or RCA/Phono) S/PDIF sources. They can accept a minimum of 0.2VPP. They can also be
connected to maximum 5-V TTL sources, such as optical receivers. (NOTE: Consideration should be made for
electrostatic discharge, or ESD, on the input connectors.)
RXIN2 to RXIN11 are 5-V tolerant TTL level inputs. These inputs are typically used as connections to optical
receiver modules (known as TOSLINK™ connectors).
RXIN8 through RXIN11 are also part of the MPIO_A (Multipurpose Input/Output A) group. These I/O pins can
either be set as S/PDIF inputs, or reassigned to other functions (see the MPIO section). To configure MPIO_A as
S/PDIF inputs, set Register MPASEL[1:0] to '00'.
Typically, no additional components are required to connect an optical receiver to any RXIN pin. However,
consideration should be given to the output characteristics of the specific receiver modules used, especially if
there is a long printed circuit board (PCB) trace between the receiver and the DIX9211 itself.
For differential inputs (such as the AES/EBU standard), differential to single-ended circuitry is required.
16
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com