Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 1 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 1 Page - Texas Instruments

  DIX9211 Datasheet HTML 1Page - Texas Instruments DIX9211 Datasheet HTML 2Page - Texas Instruments DIX9211 Datasheet HTML 3Page - Texas Instruments DIX9211 Datasheet HTML 4Page - Texas Instruments DIX9211 Datasheet HTML 5Page - Texas Instruments DIX9211 Datasheet HTML 6Page - Texas Instruments DIX9211 Datasheet HTML 7Page - Texas Instruments DIX9211 Datasheet HTML 8Page - Texas Instruments DIX9211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
DIX9211
www.ti.com
SBAS519 – SEPTEMBER 2010
216-kHz Digital Audio Interface Transceiver (DIX)
Check for Samples: DIX9211
1
FEATURES
•
Other Function Features:
23456
• Integrated DIX and Signal Routing:
–
Power Down (Pin and Register Control)
–
Asynchronous Operation (DIR, DIT)
–
PCM Port Sampling Frequency Counter
–
Mux and Routing of PCM Data:
–
GPIO and GPO
–
I2S™, Left-Justified, Right-Justified
–
OSC for External Crystal (24.576 MHz)
–
Multipurpose Input/Output Pins
–
SPI™, I2C™ or Hardware Control Modes
•
Digital Audio I/F Receiver (DIR):
•
Power Supply:
–
24-bit, 216-kHz Capable
–
3.3 V (2.9 V to 3.6 V) for DIX, All Digital
–
50-ps Ultralow Jitter
•
Operating Temperature: –40°C to +85°C
–
Non-PCM Detection (IEC61937, DTS-CD/LD)
•
Package: 48-Pin LQFP
–
12x S/PDIF Input Ports:
APPLICATIONS
–
2x Coaxial S/PDIF Inputs
•
Home Theater and AVR Equipment
–
10x Optical S/PDIF Inputs
•
Television and Soundbars
•
Digital Audio I/F Transmitter (DIT):
•
Musical Instruments, Recording, and
–
24-Bit, 216-kHz Capable
Broadcast
–
24-Bit Data Length
•
High-Performance Soundcards
–
48-Bit Channel Status Buffer
DESCRIPTION
–
Synchronous/Asynchronous Operation
•
Routing Function:
The DIX9211 is a complete analog and digital
front-end
for
today's
multimedia
players
and
–
Input: 3x PCM, 1x DIR
recorders.
–
Output: Main Out, Aux Out, DIT
The DIX9211 integrates an S/PDIF transceiver with
–
Multi-Channel (8-Ch) PCM Routing
up to 12 multiplexed inputs and 3x PCM inputs to
allow other audio receivers to be multiplexed along
with the analog and S/PDIF signals to a digital signal
processor (DSP).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
AC-3 is a trademark of Dolby Laboratories.
3
SPI is a trademark of Motorola, Inc.
4
I2S, I2C are trademarks of NXP Semiconductors.
5
TOSLINK is a trademark of Toshiba Corp.
6
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DIX9211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIX9211 TI1-DIX9211 Datasheet
935Kb / 107P
216-kHz Digital Audio Interface Transceiver (DIX)
DIX9211 TI2-DIX9211 Datasheet
1Mb / 71P
DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
REVISED SEPTEMBER 2016
DIX9211 TI2-DIX9211 Datasheet
1,023Kb / 70P
DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
REVISED APRIL 2017
DIX9211PT TI1-DIX9211PT Datasheet
935Kb / 107P
216-kHz Digital Audio Interface Transceiver (DIX)
DIX9211PTR TI1-DIX9211PTR Datasheet
935Kb / 107P
216-kHz Digital Audio Interface Transceiver (DIX)
More results

Similar Description - DIX9211

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8416 CIRRUS-CS8416 Datasheet
802Kb / 48P
192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
96 kHz Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
Digital Audio Interface Transceiver
logo
Texas Instruments
DIX9211 TI1-DIX9211 Datasheet
935Kb / 107P
216-kHz Digital Audio Interface Transceiver (DIX)
PCM9211 TI1-PCM9211 Datasheet
1Mb / 121P
216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
Digital Audio Interface Transceiver
May, 2013
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
Digital Audio Interface Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com