Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 76 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 76 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 72Page - Texas Instruments DIX9211 Datasheet HTML 73Page - Texas Instruments DIX9211 Datasheet HTML 74Page - Texas Instruments DIX9211 Datasheet HTML 75Page - Texas Instruments DIX9211 Datasheet HTML 76Page - Texas Instruments DIX9211 Datasheet HTML 77Page - Texas Instruments DIX9211 Datasheet HTML 78Page - Texas Instruments DIX9211 Datasheet HTML 79Page - Texas Instruments DIX9211 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 110 page
background image
DIX9211
SBAS519 – SEPTEMBER 2010
www.ti.com
Register 3Ch–3Dh, PD Buffer (Burst Preamble PD Output Register)
Address: 3Ch, Read-Only
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Default Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Memo
Address: 3Dh, Read-Only
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
PD15
PD14
PD13
PD12
PD11
PD10
PD9
PD8
Default Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Memo
PD[15:0]: Burst Preamble PD, Length Code (Number of bits)
PD[15:0] is updated at the time when PC[15:0] is updated. PD[15:0] is never updated when only PC[15:0] is
updated. Register 2Ch/OPCRNW0 or Register 2Dh/OPCRNW1 inform the system that PC[15:0] is updated.
Register 40h, System Reset Control
(Address: 40h, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
MRST
RSV
ADDIS
RXDIS
RSV
RSV
TXDIS
XODIS
Default Value
1
1
0
0
0
0
0
0
Memo
MRST: Mode Control Register Reset for All Functions
0: Set default value
1: Normal operation (default)
ADDIS: Power-Saving for Digital Power Supply (DVDD)
0: Normal operation (default)
1: Power-saving mode
NOTE : Even in power-saving mode, all functions are active. However, without power-saving mode,
DOUT outputs certain data at the power-supply injection.
RXDIS: Power Down for DIR
0: Normal operation (default)
1: Power down
TXDIS: Power Down for DIT
0: Normal operation (default)
1: Power down
XODIS: Power Down for OSC
0: Normal operation (default)
1: Power down
XODIS is superior to OSCAUTO.
76
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com