Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 5 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 5 Page - Texas Instruments

  DIX9211 Datasheet HTML 1Page - Texas Instruments DIX9211 Datasheet HTML 2Page - Texas Instruments DIX9211 Datasheet HTML 3Page - Texas Instruments DIX9211 Datasheet HTML 4Page - Texas Instruments DIX9211 Datasheet HTML 5Page - Texas Instruments DIX9211 Datasheet HTML 6Page - Texas Instruments DIX9211 Datasheet HTML 7Page - Texas Instruments DIX9211 Datasheet HTML 8Page - Texas Instruments DIX9211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 110 page
background image
DIX9211
www.ti.com
SBAS519 – SEPTEMBER 2010
ELECTRICAL CHARACTERISTICS: GENERAL (continued)
All specifications at TA = +25°C, and VCC = VDD = VDDRX = 3.3 V, unless otherwise noted.
DIX9211
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER-SUPPLY REQUIREMENTS
VCC
2.9
3.3
3.6
VDC
VDD
Voltage range
2.9
3.3
3.6
VDC
VDDRX
2.9
3.3
3.6
VDC
fS = 48 kHz / DIR, fS = 48 kHz / DIT
4.5
mA
ICC
Supply current
fS = 192 kHz / DIR, fS = 192 kHz / DIT
7
13
mA
Full power down, RST = low
150
350
mA
fS = 48 kHz / DIR, fS = 48 kHz / DIT
12
mA
IDD
Supply current
fS = 192 kHz / DIR, fS = 192 kHz / DIT
26
38
mA
Full power down, RST = low
150
350
mA
fS = 48 kHz / DIR, fS = 48 kHz / DIT
3.2
mA
IDDRX
(8)
Supply current
fS = 192 kHz / DIR, fS = 192 kHz / DIT
3.2
4.8
mA
Full power down, RST = low
0
30
mA
fS = 48 kHz / DIR, fS = 48 kHz / DIT
75
mW
Power dissipation
fS = 192 kHz / DIR, fS = 192 kHz / DIT
120
mW
Full power down, RST = low
1.0
mW
TEMPERATURE RANGE
Operating temperature
–40
+85
°C
(8)
Two coaxial amplifiers are powered on by Register 34h/RX1DIS and Register 34h/RX0DIS.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com