Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 57 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 57 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 53Page - Texas Instruments DIX9211 Datasheet HTML 54Page - Texas Instruments DIX9211 Datasheet HTML 55Page - Texas Instruments DIX9211 Datasheet HTML 56Page - Texas Instruments DIX9211 Datasheet HTML 57Page - Texas Instruments DIX9211 Datasheet HTML 58Page - Texas Instruments DIX9211 Datasheet HTML 59Page - Texas Instruments DIX9211 Datasheet HTML 60Page - Texas Instruments DIX9211 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 110 page
background image
DIX9211
www.ti.com
SBAS519 – SEPTEMBER 2010
Register 26h, AUTO Source Selector Cause Setting
(Address: 26h, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
RSV
AERROR
RSV
AFSLMT
ANPCM
AVALID
RSV
AUNLOCK
Default Value
0
0
0
0
0
0
0
1
Memo
The AUTO source selector is an automatic selector that outputs DIR or XTI output based on the following
register settings. The following AUTO Source Selector Cause Setting registers are independent of the ERROR
Cause Setting Register (Register 25h).
AERROR: ERROR
0: Not selected (default)
1: Selected
ERROR condition is defined by the ERROR Cause Setting Register (Register 25h).
AFSLMT: Limiting Acceptable Sampling Frequency
0: Not selected (default)
1: Selected
The definition of receivable sampling frequency range depends on the fS Limit Setting Register.
ANPCM: Non-PCM
0: Not selected (default)
1: Selected
The definition of Non PCM is depend on the Non-PCM Definition Setting Register.
AVALID: Validity Flag
0: Not selected (default)
1: Selected
AUNLOCK: PLL Lock Error
0: Not selected
1: Selected (default)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com