Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 42 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 42 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 38Page - Texas Instruments DIX9211 Datasheet HTML 39Page - Texas Instruments DIX9211 Datasheet HTML 40Page - Texas Instruments DIX9211 Datasheet HTML 41Page - Texas Instruments DIX9211 Datasheet HTML 42Page - Texas Instruments DIX9211 Datasheet HTML 43Page - Texas Instruments DIX9211 Datasheet HTML 44Page - Texas Instruments DIX9211 Datasheet HTML 45Page - Texas Instruments DIX9211 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 110 page
background image
3
2
1
3
2
1
64
63
62
64
63
62
3
2
1
3
2
1
DBCK
DSDRI
DSDLI
DIX9211
SBAS519 – SEPTEMBER 2010
www.ti.com
Figure 17 illustrates the DSD format.
Figure 17. DSD Format
Typical Register Settings
Table 30 and Table 31 show the typical register settings for DSD format.
Table 30. DSD Inputs From MPIO_Cx Ports
REGISTER SETTINGS
DESCRIPTIONS
34h = CFh
RXSEL = TXOUT
61h = 14h
TXDSD = Enable
6Bh = 14h
MOSSRC = DIR
MOPSRC = AUXIN1
Table 31. DSD Inputs From MPIO_Bx Ports
REGISTER SETTINGS
DESCRIPTIONS
34h = CFh
RXSEL = TXOUT
60h = 55h
TXSSRC = AUXIN2
TXPSRC = AUXIN2
61h = 14h
TXDSD = Enable
6Bh = 14h
MOSSRC = DIR
MOPSRC = AUXIN1
42
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com