Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 44 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 44 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 40Page - Texas Instruments DIX9211 Datasheet HTML 41Page - Texas Instruments DIX9211 Datasheet HTML 42Page - Texas Instruments DIX9211 Datasheet HTML 43Page - Texas Instruments DIX9211 Datasheet HTML 44Page - Texas Instruments DIX9211 Datasheet HTML 45Page - Texas Instruments DIX9211 Datasheet HTML 46Page - Texas Instruments DIX9211 Datasheet HTML 47Page - Texas Instruments DIX9211 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 110 page
background image
MSB
R/W ADR6 ADR5
ADR3
ADR1
ADR4
ADR2
ADR0
D7
D6
D5
D4
D3
D2
D1
D0
LSB
Register Address
Register Data
DIX9211
SBAS519 – SEPTEMBER 2010
www.ti.com
Serial Control Mode
The DIX9211 supports two types of control interface, which are set using the MODE pin (pin 27), as defined in
Table 32.
Table 32. Mode Control Interface Types
MODE
MODE CONTROL INTERFACE
Tied to DGND
Two-wire (I2C) serial control
Tied to VDD
Four-wire (SPI) serial control
The input state of the MODE pin is only sampled during a power-on reset or external reset event. Therefore, any
change after device power on or external reset is ignored.
Table 33 shows the pin assignments based on the control interface selected.
Table 33. Pin Assignments for SPI and I2C Control Interfaces
DEFINITION
PIN
SPI MODE
I2C MODE
23
MDO
ADR0
24
MDI
SDA
25
MC
SCL
26
MS
ADR1
Four-Wire (SPI) Serial Control
The DIX9211 includes an SPI-compatible serial port, which operates asynchronously to the audio serial interface.
The control interface consists of these data sources: MDI/SDA, MS/ADR1, MC/SCL, and MDO/ADR0.
•
MDI is the serial data input to program the mode control registers. In other applications, this source may be
known as MOSI.
•
MDO is the serial data output to read back register settings and some flags. In other applications, this source
may be known as MISO.
•
MC is the serial bit clock to shift the data into the control port. In other applications, this clock may be known
as SCK.
•
MS is the select input to enable the mode control port. In other applications, this control may be known as an
active-low Chip Select (CS).
Control Data Word Format
All single write/read operations via the serial control port use 16-bit data words. Figure 19 shows the control data
word format. The first bit is for read/write control, where '0' indicates a write operation and '1' shows a read
operation. The next seven bits, labeled ADR[6:0], set the register address for the write/read operation. The least
significant eight bits, D[7:0] on MDI or MDO, contain the data to be written to (or read from) the register specified
by ADR[6:0].
Figure 19. Control Data Word Format for MDI
44
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com