Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 67 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 67 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 63Page - Texas Instruments DIX9211 Datasheet HTML 64Page - Texas Instruments DIX9211 Datasheet HTML 65Page - Texas Instruments DIX9211 Datasheet HTML 66Page - Texas Instruments DIX9211 Datasheet HTML 67Page - Texas Instruments DIX9211 Datasheet HTML 68Page - Texas Instruments DIX9211 Datasheet HTML 69Page - Texas Instruments DIX9211 Datasheet HTML 70Page - Texas Instruments DIX9211 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 110 page
background image
DIX9211
www.ti.com
SBAS519 – SEPTEMBER 2010
Register 31h, XTI Source, Clock (SCK/BCK/LRCK) Frequency Setting
(Address: 31h, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
RSV
RSV
XSCK1
XSCK0
XBCK1
XBCK0
XLRCK1
XLRCK0
Default Value
0
0
0
1
1
0
1
0
Memo
XSCK[1:0]: XTI Clock Source Frequency Setting
00: XTI/1 (24.576 MHz)
01: XTI/2 (12.288 MHz) (default)
10: XTI/4 (6.144 MHz)
11: XTI/8 (3.072 MHz)
XBCK[1:0]: XTI Clock Source BCK Frequency Setting
00: XTI/2 (12.288 MHz)
01: XTI/4 (6.144 MHz)
10: XTI/8 (3.072 MHz) (default)
11: XTI/16 (1.536 MHz)
XLRCK[1:0]: XTI Clock Source LRCK Frequency Setting
00: XTI/128 (192 kHz)
01: XTI/256 (96 kHz)
10: XTI/512 (48 kHz) (default)
11: XTI/1024 (24 kHz)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com