Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 41 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 41 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 37Page - Texas Instruments DIX9211 Datasheet HTML 38Page - Texas Instruments DIX9211 Datasheet HTML 39Page - Texas Instruments DIX9211 Datasheet HTML 40Page - Texas Instruments DIX9211 Datasheet HTML 41Page - Texas Instruments DIX9211 Datasheet HTML 42Page - Texas Instruments DIX9211 Datasheet HTML 43Page - Texas Instruments DIX9211 Datasheet HTML 44Page - Texas Instruments DIX9211 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 110 page
background image
DIX9211
www.ti.com
SBAS519 – SEPTEMBER 2010
Initial Setting
To use the multi-channel function, set Register MCHR to '1'. In the multi-channel function, the assigned MPIO
function for Registers MPASEL[1:0], MPBSEL[2:0], and MPCSEL[2:0], are invalid; in other words, Register
MCHR has greater priority than Registers MPASEL[1:0], MPBSLE[2:0], and MPCSEL[2:0].
NOTE
In multi-channel PCM mode, Register MCHR (20h) and Register MPAxHz (6Eh) must be
set to '0' in order to get the outputs from the main port.
Output Source Selection
The output source for Multi-Channel PCM Output (the Main output port and MPIO_B) is selected by a register.
Table 28 describes the relationship between the output source and the register (MCHRSRC) setting.
Table 28. Multi-Channel PCM Output Source and Register Setting
MCHRSRC
MULTI-CHANNEL MODE
OUTPUT SOURCE SELECT
'00' or '10'
'01' or '11'
CLOCK SOURCE
MAIN OUT (1)
MULTI-CH INPUT
DOUT
MAIN OUT (1)
MDIN0
MDOUT0
MAIN OUT (1)
MDIN0
MDOUT1
Logic low
MDIN1
MDOUT2
Logic low
MDIN2
MDOUT3
Logic low
MDIN3
(1)
The Main OUT data source is discussed in the DIR section of this data sheet. It can either be the DIR
recovered clock and data, or the XTI clock source.
DSD Input Mode
The DIX9211 can also be used to suppress the jitter of the DSCKI signals, typically generated by an HDMI
receiver. DSD signals (DBCKI, DSDRI, DSDLI) are routed to the Main Port as DBCKO, DSDRO, and DSDLO,
respectively.
The DIT works with DSCKI for SCK, DBCKI for BCK, internally-created LRCK, DBCKI divided by 64, and '0' data
for DIN.
MOLRMTEN (Register 6Ah) can be used to mute/unmute DSDRO from the LRCK port. When MOLRMTEN is set
to '1', mute/unmute of DSDRO from LRCK is available by MODMUT = 1/0.
Table 29 summarizes the DSD input mode configuration.
Table 29. DSD Input Mode Summary
SIGNAL NAME
MPIO GROUP / PIN
DESCRIPTION
MPIO_C0 or
DSCKI
SCK input (256fS)
MPIO_B0
MPIO_C1 or
DBCKI
DBCK input for DSD format (64fS)
MPIO_B1
MPIO_C2 or
DSDRI
R-channel DSD data input for DSD format
MPIO_B2
MPIO_C3 or
DSDLI
L-channel DSD data input for DSD format
MPIO_B3
DSCKO
SCKO
SCK output generated by DIR from DIT output
DBCKO
BCK
DBCK output for DSD format (the same signal as DBCKI)
DSDRO
LRCK
R-channel DSD data output for DSD format (the same signal as DSDRI)
DSDLO
DOUT
L-channel DSD data output for DSD format(the same signal as DSDLI)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com