Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 47 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 47 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 43Page - Texas Instruments DIX9211 Datasheet HTML 44Page - Texas Instruments DIX9211 Datasheet HTML 45Page - Texas Instruments DIX9211 Datasheet HTML 46Page - Texas Instruments DIX9211 Datasheet HTML 47Page - Texas Instruments DIX9211 Datasheet HTML 48Page - Texas Instruments DIX9211 Datasheet HTML 49Page - Texas Instruments DIX9211 Datasheet HTML 50Page - Texas Instruments DIX9211 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 110 page
background image
9
SDA
SCL
St
Start
condition
1 – 7
8
1 – 8
9
1 – 8
9
9
Sp
Stop
condition
Slaveaddress
R/W
ACK
DATA
ACK
DATA
ACK
ACK
R/W:
Read
o perationif1; otherwise, write operation
ACK:
Acknowledgementofa byteif0, n ot Acknowledgementofabiteif1
DATA:
8 b its( byte) ,Detailsaredescribedinwriteandreadoperation
.
DIX9211
www.ti.com
SBAS519 – SEPTEMBER 2010
Packet Protocol
A master device must control the packet protocol, which consists of a start condition, slave address with
read/write bit, data if a write procedure is desired, or an acknowledgment if read and stop conditions exist. The
DIX9211 supports both slave receiver and transmitter functions. Details of the DATA pulse for both write and
read operations are described in Figure 23.
Figure 23. I2C Packet Protocol
Write Operation
The DIX9211 can only function as an I2C slave. A master can write to any DIX9211 registers using either single
or multiple accesses. The master sends a DIX9211 slave address with a write bit, a register address, and the
data. When undefined registers are accessed, the DIX9211 does not send an acknowledgment. Figure 24
illustrates the write operation. The register address and the write data are 8-bit, MSB-first format.
Transmitter
M
M
M
S
M
S
M
S
M
S
S
M
Data Type
St
slave
W
ACK
reg
ACK
write
ACK
write
ACK
ACK
Sp
address
address
data 1
data 2
M: Master Device S: Slave Device St: Start Condition W: Write ACK: Acknowledge Sp: Stop Condition
Figure 24. Framework for Write Operation
Read Operation
A master can read the DIX9211 registers. The value of the register address is stored in an indirect index register
in advance. The master sends the DIX9211 slave address with a read bit after storing the register address. The
DIX9211 then transfers the data to which the index register points. Figure 25 shows the read operation.
Transmitter
M
M
M
S
M
S
M
M
M
S
S
M
M
Data Type
St
slave
W
ACK
reg address
ACK
Sr
slave address
R
ACK
read
NACK
Sp
address
data
M: Master Device S: Slave Device St: Start Condition Sr: Repeated Start Condition W: Write R: Read
ACK: Acknowledge NACK: Not Acknowledge Sp: Stop Condition
Note:
The slave address after the repeated start condition must be the same as the previous slave address.
Figure 25. Framework for Read Operation
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com