Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 78 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 78 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 74Page - Texas Instruments DIX9211 Datasheet HTML 75Page - Texas Instruments DIX9211 Datasheet HTML 76Page - Texas Instruments DIX9211 Datasheet HTML 77Page - Texas Instruments DIX9211 Datasheet HTML 78Page - Texas Instruments DIX9211 Datasheet HTML 79Page - Texas Instruments DIX9211 Datasheet HTML 80Page - Texas Instruments DIX9211 Datasheet HTML 81Page - Texas Instruments DIX9211 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 110 page
background image
DIX9211
SBAS519 – SEPTEMBER 2010
www.ti.com
Register 5Ah–5Fh, DIR Channel Status Data Buffer
(Address : 5Ah–5Fh, Read-Only)
DATA
Address
B7
B6
B5
B4
B3
B2
B1
B0
RXCS7
RXCS6
RXCS5
RXCS4
RXCS3
RXCS2
RXCS1
RXCS0
5Ah
CS Bit7
CS Bit6
CS Bit5
CS Bit4
CS Bit3
CS Bit2
CS Bit1
CS Bit0
RXCS15
RXCS14
RXCS13
RXCS12
RXCS11
RXCS10
RXCS9
RXCS8
5Bh
CS Bit15
CS Bit14
CS Bit13
CS Bit12
CS Bit11
CS Bit10
CS Bit9
CS Bit8
RXCS23
RXCS22
RXCS21
RXCS20
RXCS19
RXCS18
RXCS17
RXCS16
5Ch
CS Bit23
CS Bit22
CS Bit21
CS Bit20
CS Bit19
CS Bit18
CS Bit17
CS Bit16
RXCS31
RXCS30
RXCS29
RXCS28
RXCS27
RXCS26
RXCS25
RXCS24
5Dh
CS Bit31
CS Bit30
CS Bit29
CS Bit28
CS Bit27
CS Bit26
CS Bit25
CS Bit24X
RXCS39
RXCS38
RXCS37
RXCS36
RXCS35
RXCS34
RXCS33
RXCS32
5Eh
CS Bit39
CS Bit38
CS Bit37
CS Bit36
CS Bit35
CS Bit34
CS Bit33
CS Bit32
RXCS47
RXCS46
RXCS45
RXCS44
RXCS43
RXCS42
RXCS41
RXCS40
5Fh
CS Bit47
CS Bit46
CS Bit45
CS Bit44
CS Bit43
CS Bit42
CS Bit41
CS Bit40
RXCS0: Use of channel status block
RXCS1: Linear PCM information
RXCS2: Copyright information
RXCS5 – RXCS3: Additional format information
RXCS7– RXCS6: Channel status mode
RXCS15 – RXCS8: Category code
RXCS19 – RXCS16: Source number
RXCS23 – RXCS20: Channel number
RXCS27 – RXCS24: Sampling frequency
RXCS29 – RXCS28: Clock accuracy
RXCS31 – RXCS30: Not defined
RXCS32: Maximum audio sample word length
RXCS35 – RXCS33: Sample word length
RXCS39 – RXCS36: Original sampling frequency
RXCS47 – RXCS40: Not defined
xx of RXCSxx represents the serial number of the channel status data. L-channel data of the channel status is
stored in this register. Its default value is not specified. Therefore, wait until the ERROR/INT0 port goes low and
192 samples pass to read RXCS. RXCS is cleared when DIR unlocks and an L-ch parity error is detected.
78
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com