Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 84 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 84 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 80Page - Texas Instruments DIX9211 Datasheet HTML 81Page - Texas Instruments DIX9211 Datasheet HTML 82Page - Texas Instruments DIX9211 Datasheet HTML 83Page - Texas Instruments DIX9211 Datasheet HTML 84Page - Texas Instruments DIX9211 Datasheet HTML 85Page - Texas Instruments DIX9211 Datasheet HTML 86Page - Texas Instruments DIX9211 Datasheet HTML 87Page - Texas Instruments DIX9211 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 110 page
background image
DIX9211
SBAS519 – SEPTEMBER 2010
www.ti.com
Register 6Ch, AUX Output Port (AUXSCKO/AUXBCKO/AUXLRCKO/AUXDOUT) Source Setting
(Address: 6Ch, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
RSV
AOSSRC2
AOSSRC1
AOSSRC0
RSV
AOPSRC2
AOPSRC1
AOPSRC0
Default Value
0
0
0
0
0
0
0
0
Memo
AOSSRC[2:0]: AUX Output Port, SCK Source Control
000: DIR/XTI automatic (DIR lock:DIR, DIR unlock:XTI) (default)
001: DIR
010: XTI
011: AUXIN0
100: AUXIN1
101: Reserved
110: Reserved
111: Reserved
AOPSRC[2:0]: AUX Output Port, BCK/LRCK/DATA Source Control
000: DIR/XTI automatic (DIR lock:DIR, DIR unlock:XTI) (default)
001: DIR
010: XTI
011: AUXIN0
100: AUXIN1
101: Reserved
110: Reserved
111: Reserved
This source control register is divided into two parts (MOSSRC and MOPSRC). This design allows some
additional functionality such as jitter cleaning. To clean the clock jitter of the HDMI receiver output, the HDMI
receiver S/PDIF output is connected to the DIX9211 S/PDIF input, and the HDMI receiver I2S outputs
(BCK/LRCK/DATA) are connected with the DIX9211 PCM input port.
84
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com