Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 59 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 59 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 55Page - Texas Instruments DIX9211 Datasheet HTML 56Page - Texas Instruments DIX9211 Datasheet HTML 57Page - Texas Instruments DIX9211 Datasheet HTML 58Page - Texas Instruments DIX9211 Datasheet HTML 59Page - Texas Instruments DIX9211 Datasheet HTML 60Page - Texas Instruments DIX9211 Datasheet HTML 61Page - Texas Instruments DIX9211 Datasheet HTML 62Page - Texas Instruments DIX9211 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 110 page
background image
DIX9211
www.ti.com
SBAS519 – SEPTEMBER 2010
Register 28h, Non-PCM Definition
(Address: 28h, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
RSV
RSV
CS1BPLS
NPCMP
RSV
DTSCD
PAPB
CSBIT1
Default Value
0
0
0
0
0
0
1
1
Memo
CS1BPLS: CSBIT1 Detection Signal Select
0: Hold value (default)
1: Pulse
NPCMP: NPCM Pin Output Polarity
0: Active high (default)
1: Active low
DTSCD: DTS CD/LD Detection
0: Unselected (default)
1: Selected
PAPB: Burst Preamble PA and PB Detection
0: Unselected
1: Selected (default)
CSBIT1: Channel Status Bit1 = 1 Detection
0: Unselected
1: Selected (default)
This register is used to set the definition of non-PCM data. The NPCM pin output and NPCM Register Flag
output follow this definition.
There are three types of non-PCM factors to be selected, based on OR logic.
NOTE
The DTSCD Register (Register 29h) must be '1' (that is, selected) in order to output the
DTSCD flag from the MPIO, MPO, and INT pins as DIR Flag outputs.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com