Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 77 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 77 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 73Page - Texas Instruments DIX9211 Datasheet HTML 74Page - Texas Instruments DIX9211 Datasheet HTML 75Page - Texas Instruments DIX9211 Datasheet HTML 76Page - Texas Instruments DIX9211 Datasheet HTML 77Page - Texas Instruments DIX9211 Datasheet HTML 78Page - Texas Instruments DIX9211 Datasheet HTML 79Page - Texas Instruments DIX9211 Datasheet HTML 80Page - Texas Instruments DIX9211 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 110 page
background image
DIX9211
www.ti.com
SBAS519 – SEPTEMBER 2010
Register 42h, External ADC Function Control
(Address: 42h, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
RSV
RSV
RSV
ADDTRX7
RSV
EADCLK2
EADCLK1
EADCLK0
Default Value
0
0
0
0
0
0
1
0
Memo
ADDTRX7: ADC Output Data Select to Main Port, DOUT Pin
0: DOUT = ADC DOUT (default)
1: DOUT = RXIN7 (ADIN0)
This register can select an external ADC data from RXIN7 (ADIN0) to Main Port DOUT pin when
an external ADC is used.
When ADFSLMT = 1, ADCLK[2:0] = 001 (ADC clock is DIR output clock) and DIR locks at
frequency from 14 kHz to 111 kHz, the ADC is forced into power down.
EADCLK[2:0]: ADC Clock Source (SCK/BCK/LRCK) Select
000: AUTO (DIR or XTI)
001: DIR
010: XTI (default)
011: AUXIN0
100: AUXIN1
100: AUXIN2
110: Reserved
111: Reserved
The external ADC clock source must be normally set to XTI source with fixed frequency (the clocks at the XTI
source select are generated by the SCK/BCK/LRCK dividers). Its frequency is set by the register of XSCK[1:0],
XBCK[1:0], and XLRCK[1:0].).
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
77
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com