Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 46 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 46 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 42Page - Texas Instruments DIX9211 Datasheet HTML 43Page - Texas Instruments DIX9211 Datasheet HTML 44Page - Texas Instruments DIX9211 Datasheet HTML 45Page - Texas Instruments DIX9211 Datasheet HTML 46Page - Texas Instruments DIX9211 Datasheet HTML 47Page - Texas Instruments DIX9211 Datasheet HTML 48Page - Texas Instruments DIX9211 Datasheet HTML 49Page - Texas Instruments DIX9211 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 110 page
background image
tM S S
LSB (D0)
MDI
MC
MS
tMDH
tMDS
t MS H
tMCH
tMCL
tMCY
1.4V
1.4V
1.4V
MDO
0.5*V
DD
tMD D
t MHH
t MDR
LSB (D0 )
MSB(D7)
MSB(R/W)
Hi - Z
Hi - Z
tM DD
ADR0
DIX9211
SBAS519 – SEPTEMBER 2010
www.ti.com
Timing Requirements
Figure 22 shows a detailed timing diagram for the four-wire serial control interface. These timing parameters are
critical for proper control port operation.
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
tMCY
MC Pulse cycle time
100
ns
tMCL
MC Low level time
40
ns
tMCH
MC High level time
40
ns
tMHH
MS High level time
tMCY
ns
tMSS
MS Falling edge to MC rising edge
30
ns
tMSH
MS Rising edge from MC rising edge for LSB
15
ns
tMDH
MDI Hold time
15
ns
tMDS
MDI Set-up time
15
ns
tMDD
MDO Enable or delay time from MC falling edge
0
30
ns
tMDR
MDO Disable time from MS rising edge
0
30
ns
Figure 22. Control Interface Timing Requirements
Two-Wire (I
2C) Serial Control
The DIX9211 also supports the I2C serial bus and data transmission protocol. It can be configured for fast mode
as a slave device. This protocol is explained fully in the I2C specification 2.1.
Slave Address
MSB
LSB
1
0
0
0
0
ADR1
ADR0
R/W
The DIX9211 has seven bits for its own slave address. The first five bits (MSB) of the slave address are
factory-preset to '10000'. The next two bits of the address byte are selectable bits that can be set by MDO/ADR0
and MS/ADR1. A maximum of four DIX9211s can be connected on the same bus at one time. Each DIX9211
responds when it receives its own slave address.
46
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com