Electronic Components Datasheet Search
  English  ▼

X  

DIX9211 Datasheet(PDF) 33 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 29Page - Texas Instruments DIX9211 Datasheet HTML 30Page - Texas Instruments DIX9211 Datasheet HTML 31Page - Texas Instruments DIX9211 Datasheet HTML 32Page - Texas Instruments DIX9211 Datasheet HTML 33Page - Texas Instruments DIX9211 Datasheet HTML 34Page - Texas Instruments DIX9211 Datasheet HTML 35Page - Texas Instruments DIX9211 Datasheet HTML 36Page - Texas Instruments DIX9211 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 110 page
background image
DIX9211
www.ti.com
SBAS519 – SEPTEMBER 2010
Assignable Signals to MPO Pins
Both MPO pins have the same function. The following signals can be routed to the MPOs:
•
DIR flags output (details of signals are described in the Flag section)
•
DIR Interrupt Output: INT0 and INT1
•
B frame, serial output of channel status, user data and validity flag of DIR
•
GPO (general-purpose output), Hi-Z / Logical high or low
•
DIT biphase Output
•
XTI buffered Output
•
RECOUT0 or RECOUT1, two independent multiplexers, are provided
To use the limited pins of the DIX9211 economically, the DIR flag outputs and the GPIO are used at same time
within the number of MPIO pins assigned to DIR flags or to GPIO functions. DIR flags or GPIO can be selected
for each MPIO zone by using Registers MPASEL[1:0], MPBSEL[2:0], and MPCSEL[2:0]
NOTE
To identify the pins in each MPIO group, the convention * represents 0 to 3.
When DIR flags are required on hardware pins, users should select the desired signals with Registers MPA*FLG,
MPB*FLG, and MPC*FLG.
When GPIOs are required, set the I/O direction with GIOA*DIR, GIOB*DIR, and GIOC*DIR registers. When a
GPO (general-purpose output) function is required, set the output data with Registers GPOA*, GPOB*, and
GPOC*. When a GPI (general-purpose input) function is required, the status of the pins with an assigned GPI
function is stored in the GPIA*, GPIB*, and GPIC* registers (these registers are read-only).
External ADC Mode
To use an external analog-to-digital converter (ADC), the DIX9211 supports External ADC Mode. This option
enables a connection with an external, 192-kHz capable ADC via the MPIO_B ports. The external ADC must be
a clock slave to the DIX9211. The clock source for the external ADC can be selected using Register 42h/ADCLK.
To use the external ADC mode, Register 6Fh/MPBSEL must be set to '101' (External Slave ADC Input). Then,
each MPIO_B port is assigned for MPIO_B0 = EASCKO (output), MPIO_B1 = EABCKO (output), MPIO_B2 =
EALRCKO (output), and MPIO_B3 = EADIN (input). The MPIO_B pins should be connected according to this
configuration:
•
MPIO_B0 to ADC system clock input
•
MPIO_B1 to ADC bit clock input
•
MPIO_B2 to ADC LR clock input
•
MPIO_B3 to ADC data output
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com