Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 16 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AM625 Datasheet HTML 12Page - Texas Instruments AM625 Datasheet HTML 13Page - Texas Instruments AM625 Datasheet HTML 14Page - Texas Instruments AM625 Datasheet HTML 15Page - Texas Instruments AM625 Datasheet HTML 16Page - Texas Instruments AM625 Datasheet HTML 17Page - Texas Instruments AM625 Datasheet HTML 18Page - Texas Instruments AM625 Datasheet HTML 19Page - Texas Instruments AM625 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 276 page
background image
Table 5-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
K4
J5
DDR0_A4
DDR0_A4
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
K1
H5
DDR0_A5
DDR0_A5
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
R2
P4
DDR0_A6
DDR0_A6
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
P2
N2
DDR0_A7
DDR0_A7
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
P1
P2
DDR0_A8
DDR0_A8
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
P4
N4
DDR0_A9
DDR0_A9
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
R5
N3
DDR0_A10
DDR0_A10
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
P5
M3
DDR0_A11
DDR0_A11
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
R6
P5
DDR0_A12
DDR0_A12
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
R1
N5
DDR0_A13
DDR0_A13
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
M1
L5
DDR0_BA0
DDR0_BA0
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
N1
L3
DDR0_BA1
DDR0_BA1
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
T4
L4
DDR0_BG0
DDR0_BG0
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
N2
L2
DDR0_BG1
DDR0_BG1
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
M2
K4
DDR0_CAL0
DDR0_CAL0
A
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
L1
J1
DDR0_CK0
DDR0_CK0
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
L2
K1
DDR0_CK0_n
DDR0_CK0_n
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
H2
G3
DDR0_CKE0
DDR0_CKE0
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
J4
H2
DDR0_CKE1
DDR0_CKE1
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
L6
H3
DDR0_CS0_n
DDR0_CS0_n
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
K2
G1
DDR0_CS1_n
DDR0_CS1_n
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
H5
E3
DDR0_DM0
DDR0_DM0
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com