Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 80 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 80 Page - Texas Instruments

Back Button AM625 Datasheet HTML 76Page - Texas Instruments AM625 Datasheet HTML 77Page - Texas Instruments AM625 Datasheet HTML 78Page - Texas Instruments AM625 Datasheet HTML 79Page - Texas Instruments AM625 Datasheet HTML 80Page - Texas Instruments AM625 Datasheet HTML 81Page - Texas Instruments AM625 Datasheet HTML 82Page - Texas Instruments AM625 Datasheet HTML 83Page - Texas Instruments AM625 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 276 page
background image
5.3.23.3.2 MCU Domain
Table 5-57. MCU System Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MCU_ERRORn
IO
Error signal output from MCU Domain ESM
D1
B1
MCU_EXT_REFCLK0
I
External input to MCU Domain
B8, E5
C8, D5
MCU_OBSCLK0
O
MCU Domain Observation clock output for test
and debug purposes only
B8
C8
MCU_PORz
I
MCU and Main Domain cold reset
D2
B2
MCU_RESETSTATz
O
MCU Domain warm reset status output
B12
A12
MCU_RESETz
I
MCU Domain warm reset
E11
C9
MCU_SYSCLKOUT0
O
MCU Domain system clock output (divided by 4)
for test and debug purposes only
B8
C8
5.3.23.3.3 WKUP Domain
Table 5-58. WKUP System Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
PMIC_LPM_EN0
O
Dual-function PMIC control output, Low Power
Mode (active low) or PMIC Enable (active high)
B7
C7
WKUP_CLKOUT0
O
WKUP Domain CLKOUT0 output
A12
B12
5.3.23.4 VMON
Table 5-59. VMON Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
VMON_1P8_SOC
A
Voltage monitor input for 1.8V SoC power
supply
G10
H9
VMON_3P3_SOC
A
Voltage monitor input for 3.3V SoC power
supply
K10
K11
VMON_VSYS
A
Voltage monitor input, fixed 0.45V (+/-3%)
threshold. Use with external precisionVoltage
divider to monitor a higherVoltage rail such as
the PMIC input supply.
H10
F6
5.3.24 TIMER
5.3.24.1 MAIN Domain
Table 5-60. TIMER Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
TIMER_IO0
IO
Timer Inputs and Outputs (not tied to single
timer instance)
AA3, B17, D22 A17, C19, W2
TIMER_IO1
IO
Timer Inputs and Outputs (not tied to single
timer instance)
A17, C21
A16, B20
TIMER_IO2
IO
Timer Inputs and Outputs (not tied to single
timer instance)
B21, C15
B13, B19
TIMER_IO3
IO
Timer Inputs and Outputs (not tied to single
timer instance)
A22, E15
A15, A19
TIMER_IO4
IO
Timer Inputs and Outputs (not tied to single
timer instance)
A18, AB1, B22 A20, C14, Y1
TIMER_IO5
IO
Timer Inputs and Outputs (not tied to single
timer instance)
A16, A21, Y3
C18, D14, V3
TIMER_IO6
IO
Timer Inputs and Outputs (not tied to single
timer instance)
A15, D17
B14, C15
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
www.ti.com
80
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com