Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 79 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 79 Page - Texas Instruments

Back Button AM625 Datasheet HTML 75Page - Texas Instruments AM625 Datasheet HTML 76Page - Texas Instruments AM625 Datasheet HTML 77Page - Texas Instruments AM625 Datasheet HTML 78Page - Texas Instruments AM625 Datasheet HTML 79Page - Texas Instruments AM625 Datasheet HTML 80Page - Texas Instruments AM625 Datasheet HTML 81Page - Texas Instruments AM625 Datasheet HTML 82Page - Texas Instruments AM625 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 276 page
background image
Table 5-53. Sysboot Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
BOOTMODE05
I
Bootmode pin 5
P22
L17
BOOTMODE06
I
Bootmode pin 6
P21
L18
BOOTMODE07
I
Bootmode pin 7
R23
M20
BOOTMODE08
I
Bootmode pin 8
R24
N20
BOOTMODE09
I
Bootmode pin 9
R25
N21
BOOTMODE10
I
Bootmode pin 10
T25
M17
BOOTMODE11
I
Bootmode pin 11
R21
N18
BOOTMODE12
I
Bootmode pin 12
T22
N17
BOOTMODE13
I
Bootmode pin 13
T24
N19
BOOTMODE14
I
Bootmode pin 14
U25
P19
BOOTMODE15
I
Bootmode pin 15
U24
P20
5.3.23.2 Clock
5.3.23.2.1 MCU Domain
Table 5-54. MCU Clock Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MCU_OSC0_XI
I
High frequency oscillator input
B2
A5
MCU_OSC0_XO
O
High frequency oscillator output
A3
A6
5.3.23.2.2 WKUP Domain
Table 5-55. WKUP Clock Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
WKUP_LFOSC0_XI
I
Low frequency (32.768KHz) oscillator input
C2
A2
WKUP_LFOSC0_XO
O
Low frequency (32.768KHz) oscillator output
C1
A3
5.3.23.3 System
5.3.23.3.1 MAIN Domain
Table 5-56. System Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
AUDIO_EXT_REFCLK0
IO
External clock input to McASP or output from
McASP
A15, AE22,
E18
B14, D18, W20
AUDIO_EXT_REFCLK1
IO
External clock input to McASP or output from
McASP
B15, D20, K25 C13, C16, J20
CLKOUT0
O
RMII Clock Output (50MHz). This pin is
used for clock source to the external RMII
PHY and must also be routed back to the
respective RMII[x]_REF_CLK pin for proper
device operation.
A18
C14
EXTINTn
I
External Interrupt
D16
B16
EXT_REFCLK1
I
External clock input to Main Domain
A18
C14
OBSCLK0
O
Main Domain Observation clock output for test
and debug purposes only
B16, T25
E12, M17
PORz_OUT
O
Main Domain POR status output
E21
E13
RESETSTATz
O
Main Domain warm reset status output
F22
E14
RESET_REQz
I
Main Domain external warm reset request input
F20
E15
SYSCLKOUT0
O
Main Domain system clock output (divided by 4)
for test and debug purposes only
A18
C14
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com