Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 48 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 48 Page - Texas Instruments

Back Button AM625 Datasheet HTML 44Page - Texas Instruments AM625 Datasheet HTML 45Page - Texas Instruments AM625 Datasheet HTML 46Page - Texas Instruments AM625 Datasheet HTML 47Page - Texas Instruments AM625 Datasheet HTML 48Page - Texas Instruments AM625 Datasheet HTML 49Page - Texas Instruments AM625 Datasheet HTML 50Page - Texas Instruments AM625 Datasheet HTML 51Page - Texas Instruments AM625 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 276 page
background image
Table 5-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
W25
R18
VOUT0_DATA2
PADCONFIG:
PADCONFIG48
0x000F40C0
VOUT0_DATA2
0
O
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV3
Yes
LVCMOS
PU/PD
GPMC0_A2
1
OZ
PR0_PRU1_GPO2
2
O
PR0_PRU1_GPI2
3
I
0
UART3_RXD
4
I
1
PR0_PRU0_GPO10
5
IO
0
PR0_PRU0_GPI10
6
I
0
GPIO0_47
7
IO
pad
W24
R19
VOUT0_DATA3
PADCONFIG:
PADCONFIG49
0x000F40C4
VOUT0_DATA3
0
O
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV3
Yes
LVCMOS
PU/PD
GPMC0_A3
1
OZ
PR0_PRU1_GPO3
2
O
PR0_PRU1_GPI3
3
I
0
UART3_TXD
4
O
PR0_PRU0_GPO11
5
IO
0
PR0_PRU0_GPI11
6
I
0
GPIO0_48
7
IO
pad
Y25
R20
VOUT0_DATA4
PADCONFIG:
PADCONFIG50
0x000F40C8
VOUT0_DATA4
0
O
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV3
Yes
LVCMOS
PU/PD
GPMC0_A4
1
OZ
PR0_PRU1_GPO4
2
O
PR0_PRU1_GPI4
3
I
0
UART4_RXD
4
I
1
PR0_PRU0_GPO12
5
IO
0
PR0_PRU0_GPI12
6
I
0
GPIO0_49
7
IO
pad
Y24
T20
VOUT0_DATA5
PADCONFIG:
PADCONFIG51
0x000F40CC
VOUT0_DATA5
0
O
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV3
Yes
LVCMOS
PU/PD
GPMC0_A5
1
OZ
PR0_PRU1_GPO5
2
O
PR0_PRU1_GPI5
3
I
0
UART4_TXD
4
O
PR0_PRU0_GPO13
5
IO
0
PR0_PRU0_GPI13
6
I
0
GPIO0_50
7
IO
pad
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
www.ti.com
48
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com