Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 72 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 72 Page - Texas Instruments

Back Button AM625 Datasheet HTML 68Page - Texas Instruments AM625 Datasheet HTML 69Page - Texas Instruments AM625 Datasheet HTML 70Page - Texas Instruments AM625 Datasheet HTML 71Page - Texas Instruments AM625 Datasheet HTML 72Page - Texas Instruments AM625 Datasheet HTML 73Page - Texas Instruments AM625 Datasheet HTML 74Page - Texas Instruments AM625 Datasheet HTML 75Page - Texas Instruments AM625 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 276 page
background image
Table 5-44. MMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MMC0_DAT3
IO
MMC/SD/SDIO Data
Y4
W1
MMC0_DAT4
IO
MMC/SD/SDIO Data
AB2
Y2
MMC0_DAT5
IO
MMC/SD/SDIO Data
AC1
W3
MMC0_DAT6
IO
MMC/SD/SDIO Data
AD2
W4
MMC0_DAT7
IO
MMC/SD/SDIO Data
AC2
V4
Table 5-45. MMC1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MMC1_CLK
IO
MMC/SD/SDIO Clock
B22
A20
MMC1_CMD
IO
MMC/SD/SDIO Command
A21
C18
MMC1_SDCD
I
SD Card Detect
D17
C15
MMC1_SDWP
I
SD Write Protect
C17
B15
MMC1_DAT0
IO
MMC/SD/SDIO Data
A22
A19
MMC1_DAT1
IO
MMC/SD/SDIO Data
B21
B19
MMC1_DAT2
IO
MMC/SD/SDIO Data
C21
B20
MMC1_DAT3
IO
MMC/SD/SDIO Data
D22
C19
Table 5-46. MMC2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MMC2_CLK (1)
IO
MMC/SD/SDIO Clock
D25
E21
MMC2_CMD
IO
MMC/SD/SDIO Command
C24
C21
MMC2_SDCD (2)
I
SD Card Detect
A15, A23, B17 A17, B14, D20
MMC2_SDWP (2)
I
SD Write Protect
A17, B15, B23 A16, C13, C20
MMC2_DAT0
IO
MMC/SD/SDIO Data
B24
B21
MMC2_DAT1
IO
MMC/SD/SDIO Data
C25
D21
MMC2_DAT2
IO
MMC/SD/SDIO Data
E23
E19
MMC2_DAT3
IO
MMC/SD/SDIO Data
D24
E20
(1)
For MMC2 to work properly, the CTRLMMR_PADCONFIG71 register must be configured to set (1) the RXACTIVE bit and reset (0) the
TX_DIS bit.
(2)
These MMCSD2 host controller input signals must be multiplexed to pins which are powered by the VDDSHV0 IO power rail rather
than the VDDSHV6 IO power rail when the MMC2 port is connected to a UHS-I SD Card that requires the VDDSHV6 IO power rail to
change its operating voltage from 3.3V to 1.8V when transitioning to one of the UHS-I data transfer modes.
5.3.18 OLDI
5.3.18.1 MAIN Domain
Table 5-47. OLDI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
OLDI0_A0N
IO
OLDI Differential Data (negative)
AA5
AA2
OLDI0_A0P
IO
OLDI Differential Data (positive)
Y6
AA3
OLDI0_A1N
IO
OLDI Differential Data (negative)
AD3
V5
OLDI0_A1P
IO
OLDI Differential Data (positive)
AB4
V6
OLDI0_A2N
IO
OLDI Differential Data (negative)
Y8
U7
OLDI0_A2P
IO
OLDI Differential Data (positive)
AA8
U6
OLDI0_A3N
IO
OLDI Differential Data (negative)
AB6
W6
OLDI0_A3P
IO
OLDI Differential Data (positive)
AA7
W5
OLDI0_A4N
IO
OLDI Differential Data (negative)
AC6
AA4
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
www.ti.com
72
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com