Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 45 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 45 Page - Texas Instruments

Back Button AM625 Datasheet HTML 41Page - Texas Instruments AM625 Datasheet HTML 42Page - Texas Instruments AM625 Datasheet HTML 43Page - Texas Instruments AM625 Datasheet HTML 44Page - Texas Instruments AM625 Datasheet HTML 45Page - Texas Instruments AM625 Datasheet HTML 46Page - Texas Instruments AM625 Datasheet HTML 47Page - Texas Instruments AM625 Datasheet HTML 48Page - Texas Instruments AM625 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 276 page
background image
Table 5-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
AE10
T8
USB0_RCALIB
USB0_RCALIB
A
1.8V / 3.3V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
AC11
V10
USB0_VBUS
USB0_VBUS
A
1.8V / 3.3V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
AD10
W8
USB1_DM
USB1_DM
IO
1.8V / 3.3V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
AE9
W9
USB1_DP
USB1_DP
IO
1.8V / 3.3V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
F18
E16
USB1_DRVVBUS
PADCONFIG:
PADCONFIG150
0x000F4258
USB1_DRVVBUS
0
O
Off / Off / Down
Off / Off / Down
7
1.8V / 3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO1_51
7
IO
pad
AC9
V9
USB1_RCALIB
USB1_RCALIB
A
1.8V / 3.3V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
AB10
U9
USB1_VBUS
USB1_VBUS
A
1.8V / 3.3V
VDDA_1P8_USB,
VDDA_3P3_USB
USB2PHY
Y11
R11
VDDA_1P8_USB
VDDA_1P8_USB
PWR
W14
R12
VDDA_1P8_CSIRX0
VDDA_1P8_CSIRX0
PWR
W10, W9
P9, R9
VDDA_1P8_OLDI0
VDDA_1P8_OLDI0
PWR
Y13
R10
VDDA_3P3_USB
VDDA_3P3_USB
PWR
W13
P12
VDDA_CORE_CSIRX0
VDDA_CORE_CSIRX0
PWR
W12
P11
VDDA_CORE_USB
VDDA_CORE_USB
PWR
L9
VDDA_DDR_PLL0
VDDA_DDR_PLL0
PWR
L11
H10
VDDA_MCU
VDDA_MCU
PWR
U11
N10
VDDA_PLL0
VDDA_PLL0
PWR
U15
P14
VDDA_PLL1
VDDA_PLL1
PWR
L14
K12
VDDA_PLL2
VDDA_PLL2
PWR
T9
M7
VDDA_TEMP0
VDDA_TEMP0
PWR
G16
F16
VDDA_TEMP1
VDDA_TEMP1
PWR
J12, K16,
N12, N14,
P16, R12,
T10, U14
H11, M10,
M13
VDDR_CORE
VDDR_CORE
PWR
F15, G14
F12, G13
VDDSHV0
VDDSHV0
PWR
L18, M19
K15, K16
VDDSHV1
VDDSHV1
PWR
W16, W19
R14, R15
VDDSHV2
VDDSHV2
PWR
N18, P18,
T19, U18
N15, N16
VDDSHV3
VDDSHV3
PWR
T7
N7, P7
VDDSHV4
VDDSHV4
PWR
G17
F14, G14
VDDSHV5
VDDSHV5
PWR
J18
H15, H16
VDDSHV6
VDDSHV6
PWR
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com