Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 69 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 69 Page - Texas Instruments

Back Button AM625 Datasheet HTML 65Page - Texas Instruments AM625 Datasheet HTML 66Page - Texas Instruments AM625 Datasheet HTML 67Page - Texas Instruments AM625 Datasheet HTML 68Page - Texas Instruments AM625 Datasheet HTML 69Page - Texas Instruments AM625 Datasheet HTML 70Page - Texas Instruments AM625 Datasheet HTML 71Page - Texas Instruments AM625 Datasheet HTML 72Page - Texas Instruments AM625 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 276 page
background image
5.3.13 MCAN
5.3.13.1 MAIN Domain
Table 5-32. MCAN0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MCAN0_RX
I
MCAN Receive Data
E15
A15
MCAN0_TX
O
MCAN Transmit Data
C15
B13
5.3.13.2 MCU Domain
Table 5-33. MCU_MCAN0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MCU_MCAN0_RX
I
MCAN Receive Data
B3
C4
MCU_MCAN0_TX
O
MCAN Transmit Data
D6
C5
Table 5-34. MCU_MCAN1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MCU_MCAN1_RX
I
MCAN Receive Data
D4
D6
MCU_MCAN1_TX
O
MCAN Transmit Data
E5
D5
5.3.14 MCASP
5.3.14.1 MAIN Domain
Table 5-35. MCASP0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MCASP0_ACLKR
IO
MCASP Receive Bit Clock
A20
D16
MCASP0_ACLKX
IO
MCASP Transmit Bit Clock
B20
C17
MCASP0_AFSR
IO
MCASP Receive Frame Sync
E19
D15
MCASP0_AFSX
IO
MCASP Transmit Frame Sync
D20
C16
MCASP0_AXR0
IO
MCASP Serial Data (Input/Output)
E18
D18
MCASP0_AXR1
IO
MCASP Serial Data (Input/Output)
B18
A18
MCASP0_AXR2
IO
MCASP Serial Data (Input/Output)
A19
B17
MCASP0_AXR3
IO
MCASP Serial Data (Input/Output)
B19
B18
Table 5-36. MCASP1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MCASP1_ACLKR
IO
MCASP Receive Bit Clock
D25, E24, K24 E18, E21, H19
MCASP1_ACLKX
IO
MCASP Transmit Bit Clock
A23, H25, M24 D20, G20, K17
MCASP1_AFSR
IO
MCASP Receive Frame Sync
C24, H21, K22 C21, E17, H18
MCASP1_AFSX
IO
MCASP Transmit Frame Sync
B23, J22, U23 C20, J21, P21
MCASP1_AXR0
IO
MCASP Serial Data (Input/Output)
B24, J25, L25 B21, H21, J17
MCASP1_AXR1
IO
MCASP Serial Data (Input/Output)
C25, J23, L24 D21, G21, K21
MCASP1_AXR2
IO
MCASP Serial Data (Input/Output)
E23, H21, L23 E17, E19, K20
MCASP1_AXR3
IO
MCASP Serial Data (Input/Output)
D24, E24, P25 E18, E20, M19
MCASP1_AXR4
IO
MCASP Serial Data (Input/Output)
C24, K22
C21, H18
MCASP1_AXR5
IO
MCASP Serial Data (Input/Output)
D25, K24
E21, H19
Table 5-37. MCASP2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MCASP2_ACLKR
IO
MCASP Receive Bit Clock
AA18, U24
P20, U15
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com