Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 93 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 93 Page - Texas Instruments

Back Button AM625 Datasheet HTML 89Page - Texas Instruments AM625 Datasheet HTML 90Page - Texas Instruments AM625 Datasheet HTML 91Page - Texas Instruments AM625 Datasheet HTML 92Page - Texas Instruments AM625 Datasheet HTML 93Page - Texas Instruments AM625 Datasheet HTML 94Page - Texas Instruments AM625 Datasheet HTML 95Page - Texas Instruments AM625 Datasheet HTML 96Page - Texas Instruments AM625 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 276 page
background image
6.6 Operating Performance Points
This section describes maximum operating conditions of the device in Table 6-1 and describes each Operating
Performance Point (OPP) for processor clocks and device core clocks in Table 6-2.
Table 6-1. Device Speed Grades
Speed
Grade
VDD_CORE
(V)(1)
MAXIMUM OPERATING FREQUENCY (MHz)
MAXIMUM
TRANSITION
RATE (MT/s)(2)
A53SS
(Cortex-
A53x)
GPU
PRU
Main
Infra
(CBA)
MCUSS
(Cortex-
M4F)
Device/
Power
Manager
(Cortex-
R5F)
SMS
Subsystem
(Dual
Cortex-
M4F)
OCSRAM
DDR4
LPDDR4
G
0.75/0.85
300
500
250
250
400
400
400
400
1600
1600
K
0.75/0.85
800
500
250
250
400
400
400
400
1600
1600
S
0.75/0.85
1000
500
333
250
400
400
400
400
1600
1600
T
0.75/0.85
1250
500
333
250
400
400
400
400
1600
1600
0.85
1400
(1)
Nominal operating voltage, see Recommended Operating Conditions.
(2)
Maximum DDR Frequency will be limited based on the specific memory type (vendor) used in a system and by PCB implementation.
Refer to DDR Board Design and Layout Guidelines for the proper PCB implementation to achieve maximum DDR frequency.
Table 6-2. Device Operating Performance Points
OPP
A53SS(1)
FIXED OPERATING FREQUENCY OPTIONS (MHz)(2)
MT/s(3)
GPU
PRU
MAIN
INFRA (CBA)
MCUSS
DEVICE/
POWER
MANAGER
SMS /
SMS CBA
OCSRAM
DDR4
LPDDR4
 
High
 
From
ARM0
PLL
Bypass
to
Speed
Grade
Maximum
500
333,
250,
or
200
250
400
or
200
400
400
400
 
1600
(Max) 
 
From
DDR
PLL
Bypass(4)
to
1600
Low
N/A
125
133
133
133
250
(DRAM DLL
Bypass)
 
(1)
Default operating frequency, set by software at boot. Supports Dynamic Frequency Scaling after boot.
(2)
Fixed operating frequency, set by software at boot.
(3)
Maximum DDR Frequency will be limited based on the specific memory type (vendor) used in a system and by PCB implementation.
Refer to DDR Board Design and Layout Guidelines for the proper PCB implementation to achieve maximum DDR frequency.
(4)
The DDR PLL output, which sources DDR0_CK0 and DDR0_CK0_n, is typically defined in units of frequency. So the "DDR PLL
Bypass" transaction rate is equal to 2x the DDR PLL output frequency when operating in bypass mode.
6.7 Power Consumption Summary
For information on the device power consumption, see the AM62x Power Estimation Tool application note.
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
93
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com