Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 38 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 38 Page - Texas Instruments

Back Button AM625 Datasheet HTML 34Page - Texas Instruments AM625 Datasheet HTML 35Page - Texas Instruments AM625 Datasheet HTML 36Page - Texas Instruments AM625 Datasheet HTML 37Page - Texas Instruments AM625 Datasheet HTML 38Page - Texas Instruments AM625 Datasheet HTML 39Page - Texas Instruments AM625 Datasheet HTML 40Page - Texas Instruments AM625 Datasheet HTML 41Page - Texas Instruments AM625 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 276 page
background image
Table 5-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
J23
G21
OSPI0_D4
PADCONFIG:
PADCONFIG7
0x000F401C
OSPI0_D4
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV1
Yes
LVCMOS
PU/PD
SPI1_CS0
1
IO
1
MCASP1_AXR1
2
IO
0
UART6_RXD
3
I
1
GPIO0_7
7
IO
pad
J25
H21
OSPI0_D5
PADCONFIG:
PADCONFIG8
0x000F4020
OSPI0_D5
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV1
Yes
LVCMOS
PU/PD
SPI1_CLK
1
IO
0
MCASP1_AXR0
2
IO
0
UART6_TXD
3
O
GPIO0_8
7
IO
pad
H25
G20
OSPI0_D6
PADCONFIG:
PADCONFIG9
0x000F4024
OSPI0_D6
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV1
Yes
LVCMOS
PU/PD
SPI1_D0
1
IO
0
MCASP1_ACLKX
2
IO
0
UART6_RTSn
3
O
GPIO0_9
7
IO
pad
J22
J21
OSPI0_D7
PADCONFIG:
PADCONFIG10
0x000F4028
OSPI0_D7
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV1
Yes
LVCMOS
PU/PD
SPI1_D1
1
IO
0
MCASP1_AFSX
2
IO
0
UART6_CTSn
3
I
1
GPIO0_10
7
IO
pad
B7
C7
PMIC_LPM_EN0
PADCONFIG:
MCU_PADCONFIG32
0x04084080
PMIC_LPM_EN0
0
O
Off / Off / Off
Off / SS / Off
0
1.8V / 3.3V
VDDSHV_CANUART
Yes
LVCMOS
PU/PD
MCU_GPIO0_22
7
IO
pad
E21
E13
PORz_OUT
PADCONFIG:
PADCONFIG148
0x000F4250
PORz_OUT
0
O
Off / Low / Off
Off / SS / Off
0
1.8V / 3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
F22
E14
RESETSTATz
PADCONFIG:
PADCONFIG147
0x000F424C
RESETSTATz
0
O
Off / Low / Off
Off / SS / Off
0
1.8V / 3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
F20
E15
RESET_REQz
PADCONFIG:
PADCONFIG146
0x000F4248
RESET_REQz
0
I
On / Off / Up
On / Off / Up
0
1.8V / 3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
www.ti.com
38
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com