Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 60 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 60 Page - Texas Instruments

Back Button AM625 Datasheet HTML 56Page - Texas Instruments AM625 Datasheet HTML 57Page - Texas Instruments AM625 Datasheet HTML 58Page - Texas Instruments AM625 Datasheet HTML 59Page - Texas Instruments AM625 Datasheet HTML 60Page - Texas Instruments AM625 Datasheet HTML 61Page - Texas Instruments AM625 Datasheet HTML 62Page - Texas Instruments AM625 Datasheet HTML 63Page - Texas Instruments AM625 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 276 page
background image
5.3.7.2 MCU Domain
Table 5-14. JTAG Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
EMU0
IO
Emulation Control 0
E12
D9
EMU1
IO
Emulation Control 1
C11
B10
TCK
I
JTAG Test Clock Input
A10
C10
TDI
I
JTAG Test Data Input
A11
D10
TDO
OZ
JTAG Test Data Output
D12
E10
TMS
I
JTAG Test Mode Select Input
B11
B11
TRSTn
I
JTAG Reset
B10
A11
5.3.8 EPWM
5.3.8.1 MAIN Domain
Table 5-15. EPWM Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
EHRPWM_SOCA
O
EHRPWM Start of Conversion A
B16
E12
EHRPWM_SOCB
O
EHRPWM Start of Conversion B
A16
D14
EHRPWM_TZn_IN0
I
EHRPWM Trip Zone Input 0 (active low)
B14
A14
EHRPWM_TZn_IN1
I
EHRPWM Trip Zone Input 1 (active low)
AA2
V2
EHRPWM_TZn_IN2
I
EHRPWM Trip Zone Input 2 (active low)
AC1
W3
EHRPWM_TZn_IN3
I
EHRPWM Trip Zone Input 3 (active low)
C15
B13
EHRPWM_TZn_IN4
I
EHRPWM Trip Zone Input 4 (active low)
E15
A15
EHRPWM_TZn_IN5
I
EHRPWM Trip Zone Input 5 (active low)
C13
D13
Table 5-16. EPWM0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
EHRPWM0_A
IO
EHRPWM Output A
A13, AB2, E19 C11, D15, Y2
EHRPWM0_B
IO
EHRPWM Output B
A20, C13, Y4
D13, D16, W1
EHRPWM0_SYNCI
I
Sync Input to EHRPWM module from an
external pin
AC2, B17
A17, V4
EHRPWM0_SYNCO
O
Sync Output from EHRPWM module to an
external pin
A17, AD2
A16, W4
Table 5-17. EPWM1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
EHRPWM1_A
IO
EHRPWM Output A
A14, AA3, B18 A18, D12, W2
EHRPWM1_B
IO
EHRPWM Output B
AA1, B13, E18 C12, D18, V1
Table 5-18. EPWM2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
EHRPWM2_A
IO
EHRPWM Output A
AB1, B17, D14 A13, A17, Y1
EHRPWM2_B
IO
EHRPWM Output B
A17, E14, Y3
A16, E11, V3
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
www.ti.com
60
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com