Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 55 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 55 Page - Texas Instruments

Back Button AM625 Datasheet HTML 51Page - Texas Instruments AM625 Datasheet HTML 52Page - Texas Instruments AM625 Datasheet HTML 53Page - Texas Instruments AM625 Datasheet HTML 54Page - Texas Instruments AM625 Datasheet HTML 55Page - Texas Instruments AM625 Datasheet HTML 56Page - Texas Instruments AM625 Datasheet HTML 57Page - Texas Instruments AM625 Datasheet HTML 58Page - Texas Instruments AM625 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 276 page
background image
Table 5-3. CPSW3G0 RGMII2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
RGMII2_RXC
I
RGMII Receive Clock
AD23
V18
RGMII2_RX_CTL
I
RGMII Receive Control
AD22
W19
RGMII2_TXC
IO
RGMII Transmit Clock
AE21
Y18
RGMII2_TX_CTL
O
RGMII Transmit Control
AA19
Y21
RGMII2_RD0
I
RGMII Receive Data 0
AE23
W18
RGMII2_RD1
I
RGMII Receive Data 1
AB20
Y20
RGMII2_RD2
I
RGMII Receive Data 2
AC21
Y19
RGMII2_RD3
I
RGMII Receive Data 3
AE22
W20
RGMII2_TD0
O
RGMII Transmit Data 0
Y18
AA20
RGMII2_TD1
O
RGMII Transmit Data 1
AA18
U15
RGMII2_TD2
O
RGMII Transmit Data 2
AD21
W17
RGMII2_TD3
O
RGMII Transmit Data 3
AC20
V16
Table 5-4. CPSW3G0 RMII1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
RMII1_CRS_DV
I
RMII Carrier Sense / Data Valid
AE19
W16
RMII1_REF_CLK
I
RMII Reference Clock
AD17
AA16
RMII1_RX_ER
I
RMII Receive Data Error
AE17
W14
RMII1_TX_EN
O
RMII Transmit Enable
AD19
V15
RMII1_RXD0
I
RMII Receive Data 0
AB17
W15
RMII1_RXD1
I
RMII Receive Data 1
AC17
Y16
RMII1_TXD0
O
RMII Transmit Data 0
AE20
U14
RMII1_TXD1
O
RMII Transmit Data 1
AD20
AA19
Table 5-5. CPSW3G0 RMII2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
RMII2_CRS_DV
I
RMII Carrier Sense / Data Valid
AE21
Y18
RMII2_REF_CLK
I
RMII Reference Clock
AD23
V18
RMII2_RX_ER
I
RMII Receive Data Error
AD22
W19
RMII2_TX_EN
O
RMII Transmit Enable
AA19
Y21
RMII2_RXD0
I
RMII Receive Data 0
AE23
W18
RMII2_RXD1
I
RMII Receive Data 1
AB20
Y20
RMII2_TXD0
O
RMII Transmit Data 0
Y18
AA20
RMII2_TXD1
O
RMII Transmit Data 1
AA18
U15
5.3.2 CPTS
Note
Some CPTS signals are connected directly to CPTS modules within the device. Other CPTS signals
are connected to the Time Sync Router and fanned out to peripherals linked to the router. Input
signals are sent to the peripherals while output signals are sourced from the peripherals. For more
information, see the Time Sync and Compare Events section in the Time Sync chapter in the device
TRM.
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com