Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 56 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 56 Page - Texas Instruments

Back Button AM625 Datasheet HTML 52Page - Texas Instruments AM625 Datasheet HTML 53Page - Texas Instruments AM625 Datasheet HTML 54Page - Texas Instruments AM625 Datasheet HTML 55Page - Texas Instruments AM625 Datasheet HTML 56Page - Texas Instruments AM625 Datasheet HTML 57Page - Texas Instruments AM625 Datasheet HTML 58Page - Texas Instruments AM625 Datasheet HTML 59Page - Texas Instruments AM625 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 276 page
background image
5.3.2.1 MAIN Domain
Table 5-6. CPTS Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
CP_GEMAC_CPTS0_RFT_CLK
I
CPTS Reference Clock Input
A18
C14
CP_GEMAC_CPTS0_TS_COMP
O
CPTS Time Stamp Counter Compare Output
from CPSW3G0 CPTS
C13, D22
C19, D13
CP_GEMAC_CPTS0_TS_SYNC
O
CPTS Time Stamp Counter Bit Output from
CPSW3G0 CPTS
A14, C21
B20, D12
CP_GEMAC_CPTS0_HW1TSPUSH
I
CPTS Hardware Time Stamp Push Input to
Time Sync Router
B13, B21
B19, C12
CP_GEMAC_CPTS0_HW2TSPUSH
I
CPTS Hardware Time Stamp Push Input to
Time Sync Router
A22, B14
A14, A19
SYNC0_OUT
O
CPTS Time Stamp Generator Bit 0 Output from
Time Sync Router
B16
E12
SYNC1_OUT
O
CPTS Time Stamp Generator Bit 1 Output from
Time Sync Router
A18
C14
SYNC2_OUT
O
CPTS Time Stamp Generator Bit 2 Output from
Time Sync Router
C15
B13
SYNC3_OUT
O
CPTS Time Stamp Generator Bit 3 Output from
Time Sync Router
E15
A15
5.3.3 CSI-2
5.3.3.1 MAIN Domain
Table 5-7. CSIRX0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
CSI0_RXCLKN
I
CSI-2 Differential Receive Clock Input
(negative)
AD15
AA14
CSI0_RXCLKP
I
CSI-2 Differential Receive Clock Input (positive)
AE15
AA13
CSI0_RXRCALIB (1)
A
CSI-2 D-PHY connection to external calibration
resistor
AA14
T11
CSI0_RXN0
I
CSI-2 Differential Receive Input (negative)
AB14
Y13
CSI0_RXN1
I
CSI-2 Differential Receive Input (negative)
AD14
V13
CSI0_RXN2
I
CSI-2 Differential Receive Input (negative)
AD13
U12
CSI0_RXN3
I
CSI-2 Differential Receive Input (negative)
AB12
W12
CSI0_RXP0
I
CSI-2 Differential Receive Input (positive)
AC15
Y12
CSI0_RXP1
I
CSI-2 Differential Receive Input (positive)
AE14
V12
CSI0_RXP2
I
CSI-2 Differential Receive Input (positive)
AE13
U11
CSI0_RXP3
I
CSI-2 Differential Receive Input (positive)
AC13
W11
(1)
An external 499 Ω ±1% resistor must be connected between this pin and VSS and the maximum power dissipation for the resistor is
7.2mW. No external voltage should be applied to this pin.
5.3.4 DDRSS
5.3.4.1 MAIN Domain
Table 5-8. DDRSS0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
DDR0_ACT_n
O
DDRSS Activation Command
N6
M1
DDR0_ALERT_n
IO
DDRSS Alert
R3
N1
DDR0_CAS_n
O
DDRSS Column Address Strobe
M4
J3
DDR0_PAR
O
DDRSS Command and Address Parity
T1
M2
DDR0_RAS_n
O
DDRSS Row Address Strobe
M5
K5
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
www.ti.com
56
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com