Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 61 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 61 Page - Texas Instruments

Back Button AM625 Datasheet HTML 57Page - Texas Instruments AM625 Datasheet HTML 58Page - Texas Instruments AM625 Datasheet HTML 59Page - Texas Instruments AM625 Datasheet HTML 60Page - Texas Instruments AM625 Datasheet HTML 61Page - Texas Instruments AM625 Datasheet HTML 62Page - Texas Instruments AM625 Datasheet HTML 63Page - Texas Instruments AM625 Datasheet HTML 64Page - Texas Instruments AM625 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 276 page
background image
5.3.9 EQEP
5.3.9.1 MAIN Domain
Table 5-19. EQEP0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
EQEP0_A (1)
I
EQEP Quadrature Input A
B19
B18
EQEP0_B (1)
I
EQEP Quadrature Input B
A19
B17
EQEP0_I (1)
IO
EQEP Index
E18
D18
EQEP0_S (1)
IO
EQEP Strobe
B18
A18
(1)
This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
Table 5-20. EQEP1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
EQEP1_A (1)
I
EQEP Quadrature Input A
B20
C17
EQEP1_B (1)
I
EQEP Quadrature Input B
D20
C16
EQEP1_I (1)
IO
EQEP Index
A20
D16
EQEP1_S (1)
IO
EQEP Strobe
E19
D15
(1)
This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
Table 5-21. EQEP2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
EQEP2_A (1)
I
EQEP Quadrature Input A
AC21, B16
E12, Y19
EQEP2_B (1)
I
EQEP Quadrature Input B
A16, AE22
D14, W20
EQEP2_I (1)
IO
EQEP Index
AD21, C15,
V25
B13, P17, W17
EQEP2_S (1)
IO
EQEP Strobe
AC20, E15,
M22
A15, J19, V16
(1)
This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
5.3.10 GPIO
5.3.10.1 MAIN Domain
Table 5-22. GPIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
GPIO0_0
IO
General Purpose Input/Output
H24
G19
GPIO0_1
IO
General Purpose Input/Output
G25
G18
GPIO0_2
IO
General Purpose Input/Output
J24
H20
GPIO0_3
IO
General Purpose Input/Output
E25
F18
GPIO0_4
IO
General Purpose Input/Output
G24
G17
GPIO0_5
IO
General Purpose Input/Output
F25
F21
GPIO0_6
IO
General Purpose Input/Output
F24
F20
GPIO0_7
IO
General Purpose Input/Output
J23
G21
GPIO0_8
IO
General Purpose Input/Output
J25
H21
GPIO0_9
IO
General Purpose Input/Output
H25
G20
GPIO0_10
IO
General Purpose Input/Output
J22
J21
GPIO0_11
IO
General Purpose Input/Output
F23
F19
GPIO0_12
IO
General Purpose Input/Output
G21
F17
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com