Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 36 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 36 Page - Texas Instruments

Back Button AM625 Datasheet HTML 32Page - Texas Instruments AM625 Datasheet HTML 33Page - Texas Instruments AM625 Datasheet HTML 34Page - Texas Instruments AM625 Datasheet HTML 35Page - Texas Instruments AM625 Datasheet HTML 36Page - Texas Instruments AM625 Datasheet HTML 37Page - Texas Instruments AM625 Datasheet HTML 38Page - Texas Instruments AM625 Datasheet HTML 39Page - Texas Instruments AM625 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 276 page
background image
Table 5-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
E23
E19
MMC2_DAT2
PADCONFIG:
PADCONFIG67
0x000F410C
MMC2_DAT2
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV6
Yes
SDIO
PU/PD
MCASP1_AXR2
1
IO
0
UART5_TXD
3
O
GPIO0_66
7
IO
pad
D24
E20
MMC2_DAT3
PADCONFIG:
PADCONFIG66
0x000F4108
MMC2_DAT3
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV6
Yes
SDIO
PU/PD
MCASP1_AXR3
1
IO
0
UART5_RXD
3
I
1
GPIO0_65
7
IO
pad
AA5
AA2
OLDI0_A0N
OLDI0_A0N
IO
1.8V
VDDA_1P8_OLDI
OLDI
Y6
AA3
OLDI0_A0P
OLDI0_A0P
IO
1.8V
VDDA_1P8_OLDI
OLDI
AD3
V5
OLDI0_A1N
OLDI0_A1N
IO
1.8V
VDDA_1P8_OLDI
OLDI
AB4
V6
OLDI0_A1P
OLDI0_A1P
IO
1.8V
VDDA_1P8_OLDI
OLDI
Y8
U7
OLDI0_A2N
OLDI0_A2N
IO
1.8V
VDDA_1P8_OLDI
OLDI
AA8
U6
OLDI0_A2P
OLDI0_A2P
IO
1.8V
VDDA_1P8_OLDI
OLDI
AB6
W6
OLDI0_A3N
OLDI0_A3N
IO
1.8V
VDDA_1P8_OLDI
OLDI
AA7
W5
OLDI0_A3P
OLDI0_A3P
IO
1.8V
VDDA_1P8_OLDI
OLDI
AC6
AA4
OLDI0_A4N
OLDI0_A4N
IO
1.8V
VDDA_1P8_OLDI
OLDI
AC5
Y5
OLDI0_A4P
OLDI0_A4P
IO
1.8V
VDDA_1P8_OLDI
OLDI
AE5
AA6
OLDI0_A5N
OLDI0_A5N
IO
1.8V
VDDA_1P8_OLDI
OLDI
AD6
AA5
OLDI0_A5P
OLDI0_A5P
IO
1.8V
VDDA_1P8_OLDI
OLDI
AE6
AA10
OLDI0_A6N
OLDI0_A6N
IO
1.8V
VDDA_1P8_OLDI
OLDI
AD7
Y9
OLDI0_A6P
OLDI0_A6P
IO
1.8V
VDDA_1P8_OLDI
OLDI
AD8
AA8
OLDI0_A7N
OLDI0_A7N
IO
1.8V
VDDA_1P8_OLDI
OLDI
AE7
Y8
OLDI0_A7P
OLDI0_A7P
IO
1.8V
VDDA_1P8_OLDI
OLDI
AD4
V7
OLDI0_CLK0N
OLDI0_CLK0N
IO
1.8V
VDDA_1P8_OLDI
OLDI
AE3
V8
OLDI0_CLK0P
OLDI0_CLK0P
IO
1.8V
VDDA_1P8_OLDI
OLDI
AE4
Y7
OLDI0_CLK1N
OLDI0_CLK1N
IO
1.8V
VDDA_1P8_OLDI
OLDI
AD5
AA7
OLDI0_CLK1P
OLDI0_CLK1P
IO
1.8V
VDDA_1P8_OLDI
OLDI
H24
G19
OSPI0_CLK
PADCONFIG:
PADCONFIG0
0x000F4000
OSPI0_CLK
0
O
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV1
Yes
LVCMOS
PU/PD
GPIO0_0
7
IO
pad
J24
H20
OSPI0_DQS
PADCONFIG:
PADCONFIG2
0x000F4008
OSPI0_DQS
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV1
Yes
LVCMOS
PU/PD
UART5_CTSn
5
I
1
GPIO0_2
7
IO
pad
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
www.ti.com
36
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com