Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 17 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AM625 Datasheet HTML 13Page - Texas Instruments AM625 Datasheet HTML 14Page - Texas Instruments AM625 Datasheet HTML 15Page - Texas Instruments AM625 Datasheet HTML 16Page - Texas Instruments AM625 Datasheet HTML 17Page - Texas Instruments AM625 Datasheet HTML 18Page - Texas Instruments AM625 Datasheet HTML 19Page - Texas Instruments AM625 Datasheet HTML 20Page - Texas Instruments AM625 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 276 page
background image
Table 5-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
W5
R4
DDR0_DM1
DDR0_DM1
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
F4
C2
DDR0_DQ0
DDR0_DQ0
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
G5
E4
DDR0_DQ1
DDR0_DQ1
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
F3
D3
DDR0_DQ2
DDR0_DQ2
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
H6
E5
DDR0_DQ3
DDR0_DQ3
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
E3
D2
DDR0_DQ4
DDR0_DQ4
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
G2
F3
DDR0_DQ5
DDR0_DQ5
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
F2
F1
DDR0_DQ6
DDR0_DQ6
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
F1
F2
DDR0_DQ7
DDR0_DQ7
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
U1
R3
DDR0_DQ8
DDR0_DQ8
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
U3
R2
DDR0_DQ9
DDR0_DQ9
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
U2
T2
DDR0_DQ10
DDR0_DQ10
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
V5
U2
DDR0_DQ11
DDR0_DQ11
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
W2
U3
DDR0_DQ12
DDR0_DQ12
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
V6
U4
DDR0_DQ13
DDR0_DQ13
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
Y1
T4
DDR0_DQ14
DDR0_DQ14
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
W1
T5
DDR0_DQ15
DDR0_DQ15
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
E1
D1
DDR0_DQS0
DDR0_DQS0
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
E2
E1
DDR0_DQS0_n
DDR0_DQS0_n
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
V1
T1
DDR0_DQS1
DDR0_DQS1
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
V2
R1
DDR0_DQS1_n
DDR0_DQS1_n
IO
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
H1
J4
DDR0_ODT0
DDR0_ODT0
O
1.1V / 1.2V
VDDS_DDR,
VDDS_DDR_C
DDR
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com