| Electronic Components Datasheet Search |
|
AM625 Datasheet(PDF) 67 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM625 Datasheet(HTML) 67 Page - Texas Instruments |
|
67 / 276 page ![]() Table 5-25. GPMC0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALW PIN [4] AMC PIN [4] GPMC0_A20 OZ GPMC address 20 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode K24 H19 GPMC0_A21 OZ GPMC address 21 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode V25 P17 GPMC0_A22 OZ GPMC address 22 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode K25 J20 GPMC0_AD0 IO GPMC Data 0 Input/Output in A/D non- multiplexed mode and additionally Address 1 Output in A/D multiplexed mode M25 K19 GPMC0_AD1 IO GPMC Data 1 Input/Output in A/D non- multiplexed mode and additionally Address 2 Output in A/D multiplexed mode N23 L19 GPMC0_AD2 IO GPMC Data 2 Input/Output in A/D non- multiplexed mode and additionally Address 3 Output in A/D multiplexed mode N24 L20 GPMC0_AD3 IO GPMC Data 3 Input/Output in A/D non- multiplexed mode and additionally Address 3 Output in A/D multiplexed mode N25 L21 GPMC0_AD4 IO GPMC Data 4 Input/Output in A/D non- multiplexed mode and additionally Address 3 Output in A/D multiplexed mode P24 M21 GPMC0_AD5 IO GPMC Data 5 Input/Output in A/D non- multiplexed mode and additionally Address 3 Output in A/D multiplexed mode P22 L17 GPMC0_AD6 IO GPMC Data 6 Input/Output in A/D non- multiplexed mode and additionally Address 3 Output in A/D multiplexed mode P21 L18 GPMC0_AD7 IO GPMC Data 7 Input/Output in A/D non- multiplexed mode and additionally Address 3 Output in A/D multiplexed mode R23 M20 GPMC0_AD8 IO GPMC Data 8 Input/Output in A/D non- multiplexed mode and additionally Address 3 Output in A/D multiplexed mode R24 N20 GPMC0_AD9 IO GPMC Data 9 Input/Output in A/D non- multiplexed mode and additionally Address 3 Output in A/D multiplexed mode R25 N21 GPMC0_AD10 IO GPMC Data 10 Input/Output in A/D non- multiplexed mode and additionally Address 11 Output in A/D multiplexed mode T25 M17 GPMC0_AD11 IO GPMC Data 11 Input/Output in A/D non- multiplexed mode and additionally Address 12 Output in A/D multiplexed mode R21 N18 GPMC0_AD12 IO GPMC Data 12 Input/Output in A/D non- multiplexed mode and additionally Address 13 Output in A/D multiplexed mode T22 N17 GPMC0_AD13 IO GPMC Data 13 Input/Output in A/D non- multiplexed mode and additionally Address 14 Output in A/D multiplexed mode T24 N19 GPMC0_AD14 IO GPMC Data 14 Input/Output in A/D non- multiplexed mode and additionally Address 15 Output in A/D multiplexed mode U25 P19 GPMC0_AD15 IO GPMC Data 15 Input/Output in A/D non- multiplexed mode and additionally Address 16 Output in A/D multiplexed mode U24 P20 www.ti.com AM625, AM625-Q1, AM623, AM620-Q1 SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 67 Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |