Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 74 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 74 Page - Texas Instruments

Back Button AM625 Datasheet HTML 70Page - Texas Instruments AM625 Datasheet HTML 71Page - Texas Instruments AM625 Datasheet HTML 72Page - Texas Instruments AM625 Datasheet HTML 73Page - Texas Instruments AM625 Datasheet HTML 74Page - Texas Instruments AM625 Datasheet HTML 75Page - Texas Instruments AM625 Datasheet HTML 76Page - Texas Instruments AM625 Datasheet HTML 77Page - Texas Instruments AM625 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 276 page
background image
Table 5-49. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
CAP_VDDS6 (1)
CAP
External capacitor connection for IO group 6
J19
J15
CAP_VDDS_CANUART (1)
CAP
External capacitor connection for IO CANUART
G9
G8
CAP_VDDS_MCU (1)
CAP
External capacitor connection for IO MCU
H11
G11
VDDA_1P8_USB
PWR
USB0 and USB1 1.8V analog supply
Y11
R11
VDDA_1P8_CSIRX0
PWR
CSIRX0 1.8V analog supply
W14
R12
VDDA_1P8_OLDI0
PWR
OLDI0 1.8V analog supply
W10, W9
P9, R9
VDDA_3P3_USB
PWR
USB0 and USB1 3.3V analog supply
Y13
R10
VDDA_CORE_CSIRX0
PWR
CSIRX0 Core supply
W13
P12
VDDA_CORE_USB
PWR
USB0 and USB1 core supply
W12
P11
VDDA_DDR_PLL0
PWR
DDR Deskew PLL analog supply
L9
VDDA_MCU
PWR
RCOSC, POR, POK, and MCU_ PLL0 analog
supply
L11
H10
VDDA_PLL0
PWR
MAIN_PLL0, MAIN_PLL12, MAIN_PLL16, and
MAIN_PLL17 analog supply
U11
N10
VDDA_PLL1
PWR
MAIN_PLL1 and MAIN_PLL2 analog supply
U15
P14
VDDA_PLL2
PWR
MAIN_PLL8 and MAIN_PLL15 analog supply
L14
K12
VDDA_TEMP0
PWR
TEMP0 analog supply
T9
M7
VDDA_TEMP1
PWR
TEMP1 analog supply
G16
F16
VDDR_CORE
PWR
RAM supply
J12, K16, N12,
N14, P16,
R12, T10, U14
H11, M10, M13
VDDSHV0
PWR
IO supply for IO group 0
F15, G14
F12, G13
VDDSHV1
PWR
IO supply for IO group 1
L18, M19
K15, K16
VDDSHV2
PWR
IO supply for IO group 2
W16, W19
R14, R15
VDDSHV3
PWR
IO supply for IO group 3
N18, P18, T19,
U18
N15, N16
VDDSHV4
PWR
IO supply for IO group 4
T7
N7, P7
VDDSHV5
PWR
IO supply for IO group 5
G17
F14, G14
VDDSHV6
PWR
IO supply for IO group 6
J18
H15, H16
VDDSHV_CANUART
PWR
IO supply for IO CANUART
H9
G7, H7
VDDSHV_MCU
PWR
IO supply for IO MCU
F11, G12
F10, G10
VDDS_DDR
PWR
DDR PHY IO supply
K9, L8, P9, R8
C1, J8, K7, K9,
L8, U1
VDDS_DDR_C
PWR
DDR clock IO supply
M9
L7
VDDS_OSC0
PWR
MCU_OSC0 supply
G7
J7
VDD_CANUART
PWR
CANUART Core Supply
F8
H8
VDD_CORE
PWR
Core supply
H8, J11, J14,
K17, L12, L15,
M16, N11,
N13, N8, P17,
R11, R14,
U12, V15, V17,
V8
H12, H14, J11,
J13, J9, K10,
K14, L11, L13,
M12, M14, M8,
N11, N13, N9,
P8
VPP
PWR
eFuse ROM programming supply
J8
F7
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
www.ti.com
74
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com