Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 83 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 83 Page - Texas Instruments

Back Button AM625 Datasheet HTML 79Page - Texas Instruments AM625 Datasheet HTML 80Page - Texas Instruments AM625 Datasheet HTML 81Page - Texas Instruments AM625 Datasheet HTML 82Page - Texas Instruments AM625 Datasheet HTML 83Page - Texas Instruments AM625 Datasheet HTML 84Page - Texas Instruments AM625 Datasheet HTML 85Page - Texas Instruments AM625 Datasheet HTML 86Page - Texas Instruments AM625 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 276 page
background image
Table 5-70. MCU_UART0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MCU_UART0_RTSn
O
UART Request to Send (active low)
B6
D7
MCU_UART0_RXD
I
UART Receive Data
B5
A8
MCU_UART0_TXD
O
UART Transmit Data
A5
B6
5.3.25.3 WKUP Domain
Table 5-71. WKUP_UART0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
WKUP_UART0_CTSn
I
UART Clear to Send (active low)
C6
A7
WKUP_UART0_RTSn
O
UART Request to Send (active low)
A4
B4
WKUP_UART0_RXD
I
UART Receive Data
B4
B5
WKUP_UART0_TXD
O
UART Transmit Data
C5
C6
5.3.26 USB
5.3.26.1 MAIN Domain
Table 5-72. USB0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
USB0_DM
IO
USB 2.0 Differential Data (negative)
AE11
AA11
USB0_DP
IO
USB 2.0 Differential Data (positive)
AD11
Y10
USB0_DRVVBUS
O
USB VBUS control output (active high)
C20
D17
USB0_RCALIB (1)
A
Pin to connect to calibration resistor
AE10
T8
USB0_VBUS (2)
A
USB Level-shifted VBUS Input
AC11
V10
(1)
An external 499 Ω ±1% resistor must be connected between this pin and VSS and the maximum power dissipation for the resistor is
7.2mW. No external voltage should be applied to this pin.
(2)
An external resistor divider is required to limit the voltage applied to the device pin. For more information, see Section 8.2.3, USB
VBUS Design Guidelines.
Table 5-73. USB1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
USB1_DM
IO
USB 2.0 Differential Data (negative)
AD10
W8
USB1_DP
IO
USB 2.0 Differential Data (positive)
AE9
W9
USB1_DRVVBUS
O
USB VBUS control output (active high)
F18
E16
USB1_RCALIB (1)
A
Pin to connect to calibration resistor
AC9
V9
USB1_VBUS (2)
A
USB Level-shifted VBUS Input
AB10
U9
(1)
An external 499 Ω ±1% resistor must be connected between this pin and VSS and the maximum power dissipation for the resistor is
7.2mW. No external voltage should be applied to this pin.
(2)
An external resistor divider is required to limit the voltage applied to the device pin. For more information, see Section 8.2.3, USB
VBUS Design Guidelines.
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com