Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 78 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 78 Page - Texas Instruments

Back Button AM625 Datasheet HTML 74Page - Texas Instruments AM625 Datasheet HTML 75Page - Texas Instruments AM625 Datasheet HTML 76Page - Texas Instruments AM625 Datasheet HTML 77Page - Texas Instruments AM625 Datasheet HTML 78Page - Texas Instruments AM625 Datasheet HTML 79Page - Texas Instruments AM625 Datasheet HTML 80Page - Texas Instruments AM625 Datasheet HTML 81Page - Texas Instruments AM625 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 276 page
background image
Table 5-51. PRUSS1 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
PR0_PRU1_GPO2
O
PRUSS PRU Data Output
AC1, T25,
W25, Y18
AA20, M17,
R18, W3
PR0_PRU1_GPO3
O
PRUSS PRU Data Output
AA18, AB2,
R21, W24
N18, R19,
U15, Y2
PR0_PRU1_GPO4
O
PRUSS PRU Data Output
AB1, AD21,
Y25
R20, W17, Y1
PR0_PRU1_GPO5
O
PRUSS PRU Data Output
Y24
T20
PR0_PRU1_GPO6
O
PRUSS PRU Data Output
Y23
T21
PR0_PRU1_GPO7
O
PRUSS PRU Data Output
AA25
T19
PR0_PRU1_GPO8
O
PRUSS PRU Data Output
M25, W21
K19, R17
PR0_PRU1_GPO9
O
PRUSS PRU Data Output
N23, V20
L19, T18
PR0_PRU1_GPO10
O
PRUSS PRU Data Output
AA23, N24
L20, U20
PR0_PRU1_GPO11
O
PRUSS PRU Data Output
AB25, N25
L21, U19
PR0_PRU1_GPO12
O
PRUSS PRU Data Output
AA24, P24
M21, V21
PR0_PRU1_GPO13
O
PRUSS PRU Data Output
P22, Y22
L17, U18
PR0_PRU1_GPO14
O
PRUSS PRU Data Output
AA21, P21
L18, V20
PR0_PRU1_GPO15
O
PRUSS PRU Data Output
AB24, R23
M20, W21
PR0_PRU1_GPO16
O
PRUSS PRU Data Output
AC20, L21,
V21
H17, U21, V16
PR0_PRU1_GPO17
O
PRUSS PRU Data Output
Y20
T17
PR0_PRU1_GPO18
O
PRUSS PRU Data Output
AC25
T16
PR0_PRU1_GPO19
O
PRUSS PRU Data Output
AC24
U17
5.3.22 Reserved
Table 5-52. Reserved Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
RSVD0
N/A
Reserved, must be left unconnected
B1
B3
RSVD1
N/A
Reserved, must be left unconnected
A2
C3
RSVD2
N/A
Reserved, must be left unconnected
F6
E6
RSVD3
N/A
Reserved, must be left unconnected
AE2
F8
RSVD4
N/A
Reserved, must be left unconnected
T2
R6
RSVD5
N/A
Reserved, must be left unconnected
U4
T13
RSVD6
N/A
Reserved, must be left unconnected
AA12
T14
RSVD7
N/A
Reserved, must be left unconnected
Y15
M4
RSVD8
N/A
Reserved, must be left unconnected
E7
M5
5.3.23 System and Miscellaneous
5.3.23.1 Boot Mode Configuration
5.3.23.1.1 MAIN Domain
Table 5-53. Sysboot Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
BOOTMODE00
I
Bootmode pin 0
M25
K19
BOOTMODE01
I
Bootmode pin 1
N23
L19
BOOTMODE02
I
Bootmode pin 2
N24
L20
BOOTMODE03
I
Bootmode pin 3
N25
L21
BOOTMODE04
I
Bootmode pin 4
P24
M21
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
www.ti.com
78
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com