Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 3 Page - Analog Devices

  ADPL42010ABRCZ Datasheet HTML 1Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 2Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 3Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 4Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 5Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 6Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 7Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 8Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
3 of 28
SPECIFICATIONS
Table 1. Electrical Characteristics
(The specifications apply over the full-operating temperature range, unless specified otherwise. (1))
PARAMETER
CONDITIONS
COMMENTS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
(2, 3)
ILOAD = 0.5A
TA = 25°C
1.9
V
ILOAD = 1A
2.1
2.5
V
Regulated Output
Voltage (4)
ADPL42010A-1.5
VIN = 2.21V, ILOAD = 1mA
TA = 25°C
1.477
1.500
1.523
V
ADPL42010A-1.5
2.5V < VIN < 20V,
1mA < ILOAD < 1A
1.447
1.500
1.545
V
ADPL42010A-1.8
VIN = 2.3V, ILOAD = 1mA
TA = 25°C
1.773
1.800
1.827
V
ADPL42010A-1.8
2.8V < VIN < 20V,
1mA < ILOAD < 1A
1.737
1.800
1.854
V
ADPL42010A-2.5
VIN = 3V, ILOAD = 1mA
TA = 25°C
2.462
2.500
2.538
V
ADPL42010A-2.5
3.5V < VIN < 20V,
1mA < ILOAD < 1A
2.412
2.500
2.575
V
ADPL42010A-3.3
VIN = 3.8V, ILOAD = 1mA
TA = 25°C
3.250
3.300
3.350
V
ADPL42010A-3.3
4.3V < VIN < 20V,
1mA < ILOAD < 1A
3.200
3.300
3.400
V
ADJ Pin Voltage (2, 4)
ADPL42010A
VIN = 2.21V, ILOAD = 1mA
TA = 25°C
1.192
1.210
1.228
V
ADPL42010A
2.5V < VIN < 20V,
1mA < ILOAD < 1A
1.174
1.210
1.246
V
Line Regulation
ADPL42010A-1.5
∆VIN = 2.21V to 20V,
ILOAD = 1mA
2.0
6
mV
ADPL42010A-1.8
∆VIN = 2.3V to 20V,
ILOAD = 1mA
2.5
7
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com