Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPL42010ABRCZ Datasheet HTML 15Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 16Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 17Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 18Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 19Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 20Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 21Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 22Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
19 of 28
Ceramic Capacitors
Extra consideration must be given to the use of ceramic capacitors. Ceramic capacitors are manufactured with a
variety of dielectrics, each with different behavior over temperature and applied voltage. The most common
dielectrics used are Z5U, Y5V, X5R, and X7R. The Z5U and Y5V dielectrics are good for providing high capacitances in
a small package, but exhibit strong voltage and temperature coefficients, as shown in Figure 31 and Figure 32. When
used with a 5V regulator, a 10µF Y5V capacitor can exhibit an effective value as low as 1µF to 2µF over the operating
temperature range. The X5R and X7R dielectrics result in more stable characteristics and are more suitable for use as
the output capacitor. The X7R type has better stability across temperature, while the X5R is less expensive and is
available in higher values.
Voltage and temperature coefficients are not the only sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates voltage across its terminals due to mechanical stress, similar
to the way a piezoelectric accelerometer or microphone works. For a ceramic capacitor, the stress can be induced
by vibrations in the system or thermal transients.
Figure 31. Ceramic Capacitor DC Bias Characteristics
Figure 32. Ceramic Capacitor Temperature Characteristics
DC BIAS VOLTAGE (V)
20
0
4
8
10
2
6
12
14
16
X5R
Y5V
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10ΜF
0
–20
–40
–60
–80
–100
TEMPERATURE (°C)
–50
40
25
75
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10µF
20
0
–20
–40
–60
–80
–100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com