Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPL42010ABRCZ Datasheet HTML 13Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 14Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 15Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 16Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 17Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 18Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 19Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 20Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
17 of 28
For ease of use, low ESR polytantalum capacitors (POSCAP) are a good choice for both the transient response and
stability of the regulator. These capacitors have intrinsic ESR that improves the stability. Ceramic capacitors have
extremely low ESR, and while they are a good choice in many cases, placing a small series resistance element
sometimes achieves optimum stability and minimize ringing. In all cases, a minimum of 10µF is required while the
maximum 3Ω ESR is allowed.
The place where ESR is most helpful with ceramics is at low output voltages. At low output voltages, below 2.5V,
some ESR prevents oscillation when ceramic output capacitors are used. Also, some ESR allows a smaller capacitor
value to be used. When small signal ringing occurs with ceramics due to insufficient ESR, adding ESR or increasing
the capacitor value improves the stability and reduces the ringing. Table 4 gives the minimum values of ESR to
prevent oscillation during load transient testing. Additional ESR or capacitance are necessary for adequate margin.
Table 4. Capacitor Minimum ESR
VOUT
10µF
22µF
47µF
100µF
1.2V
20mΩ
15mΩ
10mΩ
5mΩ
1.5V
20mΩ
15mΩ
10mΩ
5mΩ
1.8V
15mΩ
10mΩ
10mΩ
5mΩ
2.5V
5mΩ
5mΩ
5mΩ
5mΩ
3.3V
0mΩ
0mΩ
0mΩ
5mΩ
≥5V
0mΩ
0mΩ
0mΩ
0mΩ
Figure 28 to Figure 30 show the effect of ESR on the transient response of the regulator. These scope captures show
the transient response for the ADPL42010A at a worst-case condition when the output voltage is 1.2V. As Table 4
shows, higher output voltages require proportionally less ESR and output capacitance for stability. The output load
conditions are the same for Figure 28 to Figure 30. In all cases, there is a DC load of 500mA. The load steps up to 1A at
the first transition and steps back to 500mA at the second transition. Load transient testing on actual hardware is a
good way to ensure circuit stability, especially if the output voltage is 5V or less or the output network is inductive
due to filtering or lead length.
In Figure 28, a minimum ESR of 50mΩ is required for adequate stability when COUT is 10µF. In Figure 29, a minimum
ESR of 10mΩ is required for adequate stability when COUT is 100µF. Capacitors with added ESR can be combined with
low ESR ceramic capacitors to achieve both good high frequency bypassing and fast settling time. Figure 30 shows
the improvement in transient response that can be seen when a parallel combination of a 10µF ceramic and a 100µF
capacitor in series with 40mΩ are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com