Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPL42010ABRCZ Datasheet HTML 16Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 17Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 18Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 19Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 20Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 21Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 22Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 23Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
20 of 28
Free Resistance with PC Traces
The resistance values shown in Table 5 can easily be made by putting an actual resistor in series with the capacitor,
or by using a small section of PC trace in series with the output capacitor. The wide range of non-critical ESR makes
it easy to use PC trace. The trace width should be sized to handle the RMS ripple current associated with the load.
The output capacitor only sources or sinks current for a few microseconds during fast output current transitions.
There is no DC current in the output capacitor. Worst case ripple current occurs if the output load is a high frequency
(>100kHz) square wave with a high peak value and fast edges (<1µs). Measured RMS value for this case is 0.5 times
the peak-to-peak current change. Slower edges or lower frequency significantly reduces the RMS ripple current in
the capacitor.
Table 5. PC Trace Resistors
10mΩ
20mΩ
30mΩ
0.5oz CU
Width: 0.011in (0.28mm)
Length: 0.102in (2.6mm)
Width: 0.011in (0.28mm)
Length: 0.204in (5.2mm)
Width: 0.011in (0.28mm)
Length: 0.307in (7.8mm)
1.0oz CU
Width: 0.006in (0.15mm)
Length: 0.110in (2.8mm)
Width: 0.006in (0.15mm)
Length: 0.220in (5.6mm)
Width: 0.006in (0.15mm)
Length: 0.330in (8.4mm)
2.0oz CU
Width: 0.006in (0.15mm)
Length: 0.224in (5.7mm)
Width: 0.006in (0.15mm)
Length: 0.450in (11.4mm)
Width: 0.006in (0.15mm)
Length: 0.670in (17mm)
This resistor should be made using one of the inner layers of the PC board which are well defined. The resistivity is
determined primarily by the sheet resistance of the copper laminate with no additional plating steps. Table 5 gives
some sizes for 0.75A RMS current for various copper thicknesses. For more details on resistors made from PC traces,
refer to the Appendix A of the Application Note 69: LT1575 UltraFast Linear Controller Makes Fast Transient Response
Power Supplies.
Overload Recovery
Similar to many IC power regulators, the ADPL42010A-X has a safe operating area (SOA) protection. The SOA
protection decreases the current limit as input-to-output voltage increases and keeps the power transistor inside a
safe operating region for all values of input-to-output voltage. The protection is designed to provide some output
current at all values of input-to-output voltage up to the device breakdown. When power is first turned on, as the
input voltage rises, the output follows the input, which allows the regulator to start up into very heavy loads. During
the start-up, as the input voltage is rising, the input-to-output voltage differential is small, which allows the regulator
to supply large output currents. With a high input voltage, a problem can occur wherein removal of an output short
does not allow the output voltage to recover. Other regulators, such as the LT1085, also exhibit this phenomenon, so
it is not unique to the ADPL42010A-X.
The problem occurs with a heavy output load when the input voltage is high and the output voltage is low. Common
situations are immediately after the removal of a short-circuit or when the SHDN pin is pulled high after the input
voltage has already been turned on. The load line for such a load may intersect the output current curve at two
points. If this happens, there are two stable output operating points for the regulator. With this double intersection,
the input power supply may need to be cycled down to zero and brought up again to make the output recover.
Output Voltage Noise
The ADPL42010A regulators have been designed to provide low output voltage noise over the 10Hz to 100kHz
bandwidth while operating at full load. Output voltage noise is typically 70nV/√Hz over this frequency bandwidth for
the ADPL42010A (adjustable version). For higher output voltages (generated by using a resistor divider), the output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com