Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPL42010ABRCZ Datasheet HTML 14Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 15Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 16Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 17Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 18Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 19Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 20Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 21Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
18 of 28
Figure 28. Transient Response at 1.2VOUT with 10µF COUT and
50mΩ RESR
Figure 29. Transient Response at 1.2VOUT with 100µF COUT
and 10mΩ RESR
Figure 30. Effect of ESR on Transient Response of the Regulator
Tantalum and Polytantalum Capacitors
There is a variety of tantalum capacitor types available, with a wide range of ESR specifications. Older types have
ESR specifications in the hundreds of mΩ to several Ohms. Some newer types of polytantalum with multi-electrodes
have maximum ESR specifications as low as 5mΩ. In general the lower the ESR specification, the larger the size and
the higher the price. Polytantalum capacitors have better surge capability than older types and generally lower ESR.
Some types such as the Sanyo TPE and TPB series have ESR specifications in the 20mΩ to 50mΩ range, which provide
near optimum transient response.
Aluminum Electrolytic Capacitors
Aluminum electrolytic capacitors can also be used with the ADPL42010A. These capacitors can also be used in
conjunction with ceramic capacitors. These tend to be the cheapest and lowest performance type of capacitors. The
user must take care while selecting these capacitors as some types can have ESR which can easily exceed the 3Ω
maximum value.
20µs/DIV
100
90
10
0%
VOUT = 1.2V
IOUT = 500mA WITH
500mA PULSE
COUT = 10µF
RESR = 50mΩ
50µs/DIV
100
90
10
0%
VOUT = 1.2V
IOUT = 500mA WITH
500mA PULSE
COUT = 100µF
RESR = 10mΩ
VOUT = 1.2V
IOUT = 500mA WITH 500mA PULSE
COUT = 10µF CERAMIC AND A 100µF
CAPACITOR IN SERIES WITH 40mΩ
50µs/DIV
100
90
10
0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com