Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 1 Page - Analog Devices

  ADPL42010ABRCZ Datasheet HTML 1Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 2Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 3Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 4Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 5Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 6Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 7Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 8Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Data Sheet
ADPL42010A
20V, 1A, Fast Transient Response LDO Regulator
Rev. 0; 12/25
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2025 Analog Devices, Inc. Al l rights rese rve d.
FEATURES
Optimized for Fast Transient Response
Output Current: 1A
Dropout Voltage: 400mV
Noise: 70µVRMS (10Hz to 100kHz)
1mA Quiescent Current
No Protection Diodes Needed
Fixed Output Voltages: 1.5V, 1.8V, 2.5V, 3.3V
Adjustable Output from 1.21V to 20V
<1µA Quiescent Current in Shutdown
Stable with 10µF Output Capacitor (see the
Applications Information section)
Stable with Ceramic Capacitors (see the Applications
Information section)
Reverse Battery Protection
No Reverse Current
Thermal Limiting
3-Lead SOT-223 and 8-Lead SO Packages
APPLICATIONS
3.3V to 2.5V Logic Power Supplies
Post Regulator for Switching Supplies
GENERAL DESCRIPTION
The ADPL42010A is a low dropout regulator optimized
for fast transient response. The device is capable of
supplying 1A of output current with a dropout voltage of
400mV. Operating quiescent current is 1mA, dropping to
<1µA in shutdown.
Output voltage range is from 1.21V to 20V. The
ADPL42010A regulator is stable with output capacitors
as low as 10µF. Internal protection circuitry includes
reverse battery protection, current limiting, thermal
limiting and reverse current protection. The
ADPL42010A is available in fixed output voltages of 1.5V,
1.8V, 2.5V, 3.3V, and as an adjustable device with a 1.21V
reference voltage. The ADPL42010A regulator is
available in 3-lead SOT-223 and 8-lead SO packages.
TYPICAL APPLICATION CIRCUIT
Figure 1. ADPL42010A with Fixed Output Voltage, 2.5V
All registered trademarks and trademarks are the property of their respective owners. Protected by U.S. patents, including 6118263, 6144250.
IN
SHDN
10µF*
*TANTALUM,
CERAMIC OR
ALUMINUM
ELECTROLYTIC
OUT
VIN > 3V
SENSE
GND
ADPL42010A-2.5
2.5V
1A
10µF*
+
+


Similar Part No. - ADPL42010ABRCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL42001 AD-ADPL42001 Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL42001ATT+ AD-ADPL42001ATT+ Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL42001ATT+T AD-ADPL42001ATT+T Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL42001AZT+ AD-ADPL42001AZT+ Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL42001AZT+T AD-ADPL42001AZT+T Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
More results

Similar Description - ADPL42010ABRCZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29710 MICREL-MIC29710 Datasheet
80Kb / 8P
7.5A Fast-Response LDO Regulator
logo
List of Unclassifed Man...
RT9166 ETC1-RT9166 Datasheet
198Kb / 14P
300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9166 RICHTEK-RT9166_08 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
Micrel Semiconductor
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
3A Fast-Response LDO Regulator
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
Ultra-Fast Transient Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
3A Fast-Response LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com