Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPL42010ABRCZ Datasheet HTML 8Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 9Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 10Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 11Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 12Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 13Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 14Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 15Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
12 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Typical Dropout Voltage
Figure 6. Quiescent Current
Figure 7. ADPL42010A-1.5 Output Voltage
Figure 8. ADPL42010A-1.8 Output Voltage
Figure 9. ADPL42010A-2.5 Output Voltage
Figure 10. ADPL42010A-3.3 Output Voltage
OUTPUT CURRENT (A)
0
500
0.4
0.8
1.0
0.2
0.6
450
400
350
300
250
200
150
100
50
0
TJ = 25°C
TEMPERATURE (°C)
–50
1.4
25
75
–25
0
50
100
125
ADPL42010A-1.5/-1.8/-2.5/-3.3
ADPL42010A
VIN = 6V
RL = ∞, IL = 0
VSHDN = VIN
1.2
1.0
0.8
0.6
0.4
0.2
0
TEMPERATURE (°C)
–50
1.53
25
1.50
1.48
–25
0
50
1.47
1.46
1.54
1.52
1.51
1.49
75
100
125
IL = 1mA
TEMPERATURE (°C)
–50
100
0
50
1.84
–25
25
75
125
IL = 1mA
1.83
1.82
1.81
1.80
1.79
1.78
1.77
1.76
TEMPERATURE (°C)
–50
100
0
50
2.58
–25
25
75
125
IL = 1mA
2.56
2.54
2.52
2.50
2.48
2.46
2.44
2.42
TEMPERATURE (°C)
–50
100
0
50
3.38
–25
25
75
125
IL = 1mA
3.36
3.34
3.32
3.30
3.28
3.26
3.24
3.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com