Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPL42010ABRCZ Datasheet HTML 11Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 12Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 13Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 14Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 15Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 16Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 17Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 18Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
15 of 28
Figure 23. ADPL42010A Minimum Input Voltage
Figure 24. Load Regulation
Figure 25. Output Noise Spectral Density
Figure 26. ADPL42010A-3.3 Transient Response
TEMPERATURE (°C)
–50
3.0
25
75
–25
0
50
100
125
IL = 1A
IL = 500mA
IL = 100mA
2.5
2.0
1.5
1.0
0.5
0
TEMPERATURE (°C)
–50
10
25
75
–25
0
50
100
125
VIN = VOUT(NOMINAL) +1V
(ADPL42010A-1.8/-2.5/-3.3)
VIN = 2.7V (ADPL42010A/ADPL42010A-1.5)
ΔIL = 1mA TO 1A
5
0
–5
–10
–15
–20
ADPL42010A
ADPL42010A-1.5
ADPL42010A-1.8
ADPL42010A-2.5
ADPL42010A-3.3
FREQUENCY (Hz)
0.01
0.1
10
100
1k
10k
100k
1
COUT = 10µF
IL = 1A
ADPL42010A-3.3
ADPL42010A-2.5
ADPL42010A-1.8
ADPL42010A
ADPL42010A-1.5
TIME (µs)
200
0
2
4
6
8
10
12
14
16
18
20
VIN = 4.3V
CIN = 3.3µF TANTALUM
COUT = 10µF TANTALUM
150
100
50
0
–50
–100
0.6
0.4
0.2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com