Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPL42010ABRCZ Datasheet HTML 5Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 6Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 7Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 8Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 9Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 10Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 11Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 12Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
9 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 2. 3-Lead SOT-223 Pin Configuration
Figure 3. 8-Lead SO Pin Configuration
Pin Descriptions
Table 3. Pin Descriptions
PIN
NAME
DESCRIPTION
3-Lead
SOT-223
8-Lead
SO
3
1
OUT
Regulator Outpu Pin. The output supplies power to the load. A
minimum output capacitor of 10µF is required to prevent
oscillations. Larger output capacitors are required for
applications with large transient loads to limit peak voltage
transients. For more details on output capacitance and reverse
output characteristics, see the Applications Information
section.
2
SENSE/ADJ
Sense Pin. For fixed voltage versions of the ADPL42010A
(ADPL42010A-1.5/ADPL42010A-1.8/ADPL42010A-
2.5/ADPL42010A-3.3), the SENSE pin is the input to the error
amplifier. Optimum regulation is obtained at the point where
the SENSE pin is connected to the OUT pin of the regulator. In
critical applications, small voltage drops are caused by the
resistance (RP) of PC traces between the regulator and the load.
These may be eliminated by connecting the SENSE pin to the
output at the load, as shown in Figure 4. Note that the voltage
drop across the external PC traces add to the dropout voltage
3
FRONT VIEW
TAB IS
GND
OUT
ST PACKAGE
3-LEAD PLASTIC SOT-223
TJMAX = 125°C,
θJA = 42°C/W TO 56°C/W,
θJC = 15°C/W
GND
IN
2
1
1
8
TOP VIEW
IN
OUT
S8 PACKAGE
8-LEAD PLASTIC SO
*PIN 2 = SENSE FOR ADPL42010A-1.5/ADPL42010A-1.8/
ADPL42010A-2.5/ADPL42010A-3.3
PIN 2 = ADJ FOR ADPL42010A
TJMAX = 125°C, θJA = 55°C/W TO 69°C/W, θJC = 35°C/W
GND
GND
SHDN
SENSE/ADJ*
GND
NC
2
3
4
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com