Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPL42010ABRCZ Datasheet HTML 3Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 4Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 5Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 6Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 7Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 8Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 9Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 10Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
7 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise specified.
Table 2. Absolute Maximum Ratings
PARAMETER
RATING
IN Pin Voltage
±20V
OUT Pin Voltage
±20V
Input to Output Differential Voltage (1)
±20V
SENSE Pin Voltage
±20V
ADJ Pin Voltage
±7V
SHDN
Pin Voltage
±20V
Output Short-Circuit Duration
Indefinite
Temperature
Operating Junction Range (ADPL42010AB) (2)
–40°C to +125°C
Storage Range
–65°C to +150°C
Lead (Soldering, 10sec)
300°C
1
Absolute maximum input to output differential voltage can not be achieved with all combinations of
rated IN pin and OUT pin voltages. With the IN pin at 20V, the OUT pin may not be pulled below 0V. The
total measured voltage from IN to OUT can not exceed ±20V.
2
The ADPL42010A is tested and specified under pulse load conditions such that TJ ≈ TA. The ADPL42010AB
is 100% tested at TA = 25°C. Performance at –40°C and +125°C is assured by design, characterization, and
correlation with statistical process controls.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress ratings only, functional operation of the product at these or any other conditions above those indicated in
the operational section of this specification is not implied. Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
Thermal Data
Absolute maximum ratings apply individually only, not in combination. The ADPL42010A can be damaged when the
junction temperature limits are exceeded. Monitoring ambient temperature does not guarantee that TJ is within
the specified temperature limits. The junction temperature of the device is dependent on the ambient
temperature, the power dissipation (PD) of the device, and the junction-to-ambient thermal resistance of the
package (θJA).
Maximum TJ is calculated from the TA and PD using the following formula:
������������ = ������������ + (������������ × ������������)
(1)
Thermal Resistance
θJA and θJC are specified in Figure 2 and Figure 3. θJA measurements are taken in still air on a 1/16” FR-4 board with
1oz copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com