Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPL42010ABRCZ Datasheet HTML 6Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 7Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 8Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 9Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 10Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 11Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 12Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 13Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
10 of 28
PIN
NAME
DESCRIPTION
3-Lead
SOT-223
8-Lead
SO
of the regulator. The SENSE pin bias current is 600µA at the
nominal rated output voltage. The SENSE pin can be pulled
below ground (as in a dual supply system where the regulator
load is returned to a negative supply) and still allow the device
to start and operate.
Adjust Pin. For the adjustable ADPL42010A, the ADJ pin is the
input to the error amplifier. This pin is internally clamped to
±7V. It has a bias current of 3µA which flows into the pin. The
ADJ pin voltage is 1.21V referenced to ground and the output
voltage range is 1.21V to 20V.
Figure 4. Kelvin Sense Connection
2
3, 6, 7
GND
Regulator Ground Pin. To ensure proper elecrical and thermal
performance, connect all GND pins of the package to the
ground.
4
NC
No Connect. Not connected internally.
5
SHDN
Shutdown Pin. The SHDN pin is used to put the ADPL42010A
regulators into a low-power shutdown state. The output is off
when the SHDN pin is pulled low. The SHDN pin can be driven
either by 5V logic or open-collector logic with a pull-up resistor.
The pull-up resistor is required to supply the pull-up current of
the opencollector gate, normally several microamperes, and
the SHDN pin current, typically 3µA. If unused, the SHDN pin
must be connected to VIN. The device is in the low-power
shutdown state if the SHDN pin is not connected.
1
8
IN
Regulator Supply Input Pin. Power is supplied to the device
through the IN pin. A bypass capacitor is required on this pin if
the device is more than 6inches away from the main input filter
capacitor. In general, the output impedance of a battery rises
with frequency, so it is advisable to include a bypass capacitor
in battery-powered circuits. A bypass capacitor in the range of
1µF to 10µF is sufficient. The ADPL42010A regulators are
designed to withstand reverse voltages on the IN pin with
respect to ground and the OUT pin. In the case of a reverse
input, which can happen if a battery is plugged in backwards,
the device acts as if there is a diode in series with its input.
There is no reverse current flow into the regulator and no
IN
SHDN
RP
OUT
VIN
SENSE
GND
ADPL42010A
RP
+
+
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com