Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 4 Page - Analog Devices

  ADPL42010ABRCZ Datasheet HTML 1Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 2Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 3Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 4Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 5Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 6Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 7Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 8Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
4 of 28
(The specifications apply over the full-operating temperature range, unless specified otherwise. (1))
PARAMETER
CONDITIONS
COMMENTS
MIN
TYP
MAX
UNITS
ADPL42010A-2.5
∆VIN = 3V to 20V,
ILOAD = 1mA
3.0
10
mV
ADPL42010A-3.3
∆VIN = 3.8V to 20V,
ILOAD = 1mA
3.5
10
mV
ADPL42010A (2)
∆VIN = 2.21V to 20V,
ILOAD = 1mA
1.5
5
mV
Load Regulation
ADPL42010A-1.5
VIN = 2.5V,
∆ILOAD = 1mA to 1A
TA = 25°C
2
9
mV
18
mV
ADPL42010A-1.8
VIN = 2.8V,
∆ILOAD = 1mA to 1A
TA = 25°C
2
10
mV
20
mV
ADPL42010A-2.5
VIN = 3.5V,
∆ILOAD = 1mA to 1A
TA = 25°C
2.5
15
mV
30
mV
ADPL42010A-3.3
VIN = 4.3V,
∆ILOAD = 1mA to 1A
TA = 25°C
3
20
mV
35
mV
ADPL42010A (2)
VIN = 2.5V,
∆ILOAD = 1mA to 1A
TA = 25°C
2
8
mV
15
mV
Dropout Voltage
VIN = VOUT(NOMINAL) (3, 5, 6)
ILOAD = 1mA
TA = 25°C
0.02
0.06
V
0.10
V
ILOAD = 1A
TA = 25°C
0.4
0.55
V
0.65
V
GND Pin Current
VIN = VOUT(NOMINAL) + 1V (5, 7)
ILOAD = 0mA
1.0
1.5
mA
ILOAD = 1A
80
120
mA
Output Voltage Noise
COUT = 10µF, ILOAD = 1A,
BW = 10Hz to 100kHz
TA = 25°C
70
µVRMS
ADJ Pin Bias Current (2, 8)
TA = 25°C
3
10
µA
Shutdown Pin Threshold
VOUT = Off to On
0.90
2
V
VOUT = On to Off
0.25
0.75
V
SHDN
Pin Current (9)
V
SHDN = 0V
TA = 25°C
0.01
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com