Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADPL42010ABRCZ Datasheet HTML 19Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 20Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 21Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 22Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 23Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 24Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 25Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 26Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
23 of 28
PRINTED CIRCUIT BOARD (PCB) LAYOUT CONSIDERATIONS
It is important to give careful consideration to all sources of thermal resistance from junction-to-ambient when
designing the PCB layout for the ADPL42010A. Additional heat sources mounted nearby must also be considered.
Heat dissipation from the package can be improved by increasing the amount of copper directly attached to the pins
and exposed pad of the ADPL42010A. Thermal vias may be used to connect the exposed pad to copper on the
opposite side of the PCB. However, a point of diminishing returns is eventually reached, beyond which an increase
in the copper size does not yield significant heat dissipation benefits.
It is also important for electrical performance to give careful consideration to component placement and ground
layer placement when designing the PCB layout for the ADPL42010A. Place the input capacitor as close as possible
to the VIN and GND pins. Place the output capacitor as close as possible to the VOUT and GND pins. Place the input
and output capacitors on the same side of the PCB as the ADPL42010A with their ground terminals close to each
other. The input capacitor, output capacitor, and ADPL42010A grounds all connect on one side of the device, while
grounds for control signals connect to the ADPL42010A on the other side of the device. Utilize an unbroken ground
plane on the PCB layer that is adjacent to the top or bottom PCB layer with the ADPL42010A. Figure 34 shows a
recommended layout that delivers the full performance of the regulator.
Figure 34. ADPL42010A Example PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com