Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPL42010ABRCZ Datasheet HTML 2Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 3Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 4Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 5Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 6Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 7Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 8Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 9Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
6 of 28
6
Dropout voltage is the minimum input to output voltage differential needed to maintain regulation at a
specified output current. In dropout, the output voltage is equal to VIN – VDROPOUT.
7
GND pin current is tested with VIN = VOUT(NOMINAL) + 1V and a current source load. The GND pin current
decreases at higher input voltages.
8
ADJ pin bias current flows into the ADJ pin.
9
SHDN
pin current flows into the SHDN pin.
10
For the ST package, the input reverse leakage current increases due to the additional reverse leakage
current for the SHDN pin, which is connected internally to the IN pin.
11
Reverse output current is tested with the IN pin grounded and the OUT pin forced to the rated output
voltage. This current flows into the OUT pin and out the GND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com