Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010ABRCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADPL42010ABRCZ
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010ABRCZ Datasheet(HTML) 5 Page - Analog Devices

  ADPL42010ABRCZ Datasheet HTML 1Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 2Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 3Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 4Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 5Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 6Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 7Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 8Page - Analog Devices ADPL42010ABRCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
5 of 28
(The specifications apply over the full-operating temperature range, unless specified otherwise. (1))
PARAMETER
CONDITIONS
COMMENTS
MIN
TYP
MAX
UNITS
V
SHDN = 20V
TA = 25°C
3
30
µA
Quiescent Current in
Shutdown
VIN = 6V, VSHDN = 0V
TA = 25°C
0.01
1
µA
Ripple Rejection
VIN – VOUT = 1.5V (Avg),
VRIPPLE = 0.5VPk-Pk,
fRIPPLE = 120Hz,
ILOAD = 0.75A
TA = 25°C
55
dB
Current Limit
VIN = 7V, VOUT = 0V
TA = 25°C
2
A
VIN = VOUT(NOMINAL) + 1V,
∆VOUT = –0.1V
1.6
A
Input Reverse Leakage
Current (10)
S8 Package
VIN = –20V, VOUT = 0
1
mA
ST Package
VIN = –20V, VOUT = 0
2
mA
Reverse Output Current
(11)
ADPL42010A-1.5
VOUT = 1.5V, VIN < 1.5V
TA = 25°C
600
1200
µA
ADPL42010A-1.8
VOUT = 1.8V, VIN < 1.8V
TA = 25°C
600
1200
µA
ADPL42010A-2.5
VOUT = 2.5V, VIN < 2.5V
TA = 25°C
600
1200
µA
ADPL42010A-3.3
VOUT = 3.3V, VIN < 3.3V
TA = 25°C
600
1200
µA
ADPL42010A (2)
VOUT = 1.21V, VIN < 1.21V
TA = 25°C
300
600
µA
1
The ADPL42010A is tested and specified under pulse load conditions such that TJ ≈ TA. The ADPL42010AB
is 100% tested at TA = 25°C. Performance at –40°C and +125°C is assured by design, characterization and
correlation with statistical process controls.
2
The ADPL42010A (adjustable version) is tested and specified for these conditions with the ADJ pin
connected to the OUT pin.
3
For the ADPL42010A, ADPL42010A-1.5, and ADPL42010A-1.8 dropout voltage is limited by the minimum
input voltage specification under some output voltage/load conditions.
4
Operating conditions are limited by maximum junction temperature. The regulated output voltage
specification does not apply for all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be limited. When operating at
maximum output current, the input voltage range must be limited.
5
To satisfy requirements for minimum input voltage, the ADPL42010A (adjustable version) is tested and
specified for these conditions with an external resistor divider (two 4.12kΩ resistors) for an output
voltage of 2.4V. The external resistor divider adds a 300µA DC load on the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com